Electronic Components Datasheet Search
  English  ▼

X  

CTD8S Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CTD8S
Description  Accessories AC Split-Core Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTD8S Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CTD8S Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTD8S Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice
CTD-8 S DS ENG 140116
Range Table
CTD-8S
Model CTD-8S from 150A to 750A
Primary
Current
Temperature
Extended
current rating
Burden (VA)
A
CL 1
CL 3
150
(@60°C/140°F)
120%
-
1.5
200
(@60°C/140°F)
120%
-
1.5
250
(@60°C/140°F)
120%
-
2
300
(@60°C/140°F)
120%
-
2
400
(@60°C/140°F)
120%
3
5
500
(@60°C/140°F)
120%
5
7
600
(@60°C/140°F)
120%
6
10
700
(@60°C/140°F)
120%
6
10
750
(@60°C/140°F)
120%
8
12
Model CTD-8S from 800A to 2500A
Primary
Current
Temperature
Extended
current rating
Burden (VA)
A
CL 1
CL 3
800
(@60°C/140°F)
120%
8
12
1000
(@50°C/122°F)
120%
10
15
1200
(@50°C/122°F)
120%
12
15
1250
(@50°C/122°F)
120%
12
15
1500
(@50°C/122°F)
100%
(+) 15
20
1600
(@50°C/122°F)
100%
(*)
15
20
2000
(@50°C/122°F)
100%
(*)
20
25
2500
(@40°C/104°F)
100%
(*)
25
30
Dimensions (mm)
Wiring Diagram
S1 S2
L
N P1 P2
Benefits
1
2
5
6
7
8
3
4
• Easy way to open and close the CT core by
the dedicate seleable screws (see figure 1).
• Bridging
of
current
transformer
output
without changing the connection of the
secondary,
so
to
avoid
any
output
overvoltage during either the maintenance or
the installation procedure (see figure 2).
• Easy output and earth connection (see fig. 3).
• Multiple screws provided with isolation cap
screws to grant a strong and reliable fixing of the
current transformer to the bus-bar (see figure 4).
• Screw terminals compatible with any kind of
wire terminals and protection of screw
terminals using specific sealable covers to
assure always the best safety (see figure 5-
6-7-8).
(*) A max overload of 120% for 1 min. every 30 min. is allowed.
(+) A continuous overload of 120% of the range is allowed @ amb.
temp. 40°C max.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com