Electronic Components Datasheet Search
  English  ▼

X  

BZX83C10 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BZX83C10
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX83C10 Datasheet(HTML) 1 Page - Continental Device India Limited

  BZX83C10 Datasheet HTML 1Page - Continental Device India Limited BZX83C10 Datasheet HTML 2Page - Continental Device India Limited BZX83C10 Datasheet HTML 3Page - Continental Device India Limited BZX83C10 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
SILIICON PLANAR ZENER DIODES
BZX83C
2V7 to 56V
500mW
DO- 35
Glass Axial Package
Best suited for Industrial, Military and Space Applications. The glass passivated diode chip in the
hermetically sealed glass package with double studs provides excellent stability and reliability.
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
DESCRIPTION
SYMBOL
Power Dissipation
PTA
Junction Temperature
Tj
Storage Temperature
Tstg
Thermal Resistance - Junction to Ambient in free air
Rth(j-a)
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Forward Voltage @ IF=200mA
VF < 1.2 V
Device
VZT
rZT
IZT
rZK
IZK
Temp. Coeff
IR @
VR
IZM
@ IZT*
@ IZT*
@ IZK
of
Ta
Zener Voltage
25°C
min
max
max
max
typ
max
max
(V)
(V)
(
Ω
Ω)
(mA)
(
Ω
Ω)
(mA)
(%/°C)
(
µµA)
(V)
(mA)
BZX83C 2V7
2.50
2.90
90
5.0
600
1.0
-0.07
100
1.0
135
BZX83C 3V0
2.80
3.20
90
5.0
600
1.0
-0.07
60
1.0
125
BZX83C 3V3
3.10
3.50
90
5.0
600
1.0
-0.06
30
1.0
115
BZX83C 3V6
3.40
3.80
90
5.0
600
1.0
-0.06
20
1.0
105
BZX83C 3V9
3.70
4.10
90
5.0
600
1.0
-0.05
10
1.0
95
BZX83C 4V3
4.00
4.60
80
5.0
600
1.0
-0.03
5
1.0
90
BZX83C 4V7
4.40
5.00
80
5.0
600
1.0
-0.01
2
1.0
85
BZX83C 5V1
4.80
5.40
60
5.0
550
1.0
+0.01
1
1.0
75
BZX83C 5V6
5.20
6.00
40
5.0
450
1.0
+0.03
1
1.0
70
BZX83C 6V2
5.80
6.60
10
5.0
200
1.0
+0.04
1
2.0
64
BZX83C 6V8
6.40
7.20
8
5.0
150
1.0
+0.05
1
3.0
58
BZX83C 7V5
7.00
7.90
7
5.0
50
1.0
+0.05
1
3.5
53
BZX83C 8V2
7.70
8.70
7
5.0
50
1.0
+0.06
1
4.0
47
BZX83C 9V1
8.50
9.60
10
5.0
50
1.0
+0.06
1
5.0
43
BZX83C 10
9.40
10.60
15
5.0
70
1.0
+0.07
1
6.0
40
BZX83C 11
10.40
11.60
20
5.0
70
1.0
+0.07
1
8.2
36
BZX83C 12
11.40
12.70
20
5.0
90
1.0
+0.07
1
9.1
32
BZX83C 13
12.40
14.10
25
5.0
110
1.0
+0.07
1
10
29
BZX83C 15
13.80
15.60
30
5.0
110
1.0
+0.08
1
11
27
BZX83C 16
15.30
17.10
40
5.0
170
1.0
+0.08
1
12
24
BZX83C 18
16.80
19.10
55
5.0
170
1.0
+0.08
1
13
21
BZX83C 20
18.80
21.20
55
5.0
220
1.0
+0.08
1
15
20
BZX83C 22
20.80
23.30
58
5.0
220
1.0
+0.08
1
16
18
BZX83C 24
22.80
25.60
80
5.0
220
1.0
+0.08
1
18
16
BZX83C 27
25.10
28.90
80
5.0
250
1.0
+0.09
1
20
14
*Pulse Condition : 20ms < tp <50ms . Duty Cycle <2%
300
UNIT
mW
°C
°C
°C/W
VALUE
500
175
- 55 to +175
IS/ISO 9002
Lic# QSC/L-000019.3
Continental Device India Limited
Data Sheet
Page 1 of 4


Similar Part No. - BZX83C10

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BZX83C10 NJSEMI-BZX83C10 Datasheet
132Kb / 2P
SILIICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX83C10 SEMTECH_ELEC-BZX83C10 Datasheet
162Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Motorola, Inc
BZX83C10RL MOTOROLA-BZX83C10RL Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results

Similar Description - BZX83C10

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3-39V CDIL-CZMK3V3-39V Datasheet
312Kb / 4P
SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com