Electronic Components Datasheet Search
  English  ▼

X  

AMMP-6421 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6421 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button AMMP-6421 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 7Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 8Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 9Page - Broadcom Corporation. AMMP-6421 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Figure 15. Simplified schematic for the MMIC die in the package
Biasing and Operation
The recommended quiescent DC bias condition for
optimum efficiency, performance and reliability is Vd=5
volts with Vg (+0.5V typ.) set to give Id(q)=600 mA. Minor
improvements in performance are possible depending
on the application. The drain bias voltage range is 3 to 5V
and the quiescent drain current biasing range is 400mA to
650mA. A single DC gate supply connected to Vg will bias
all the amplifier stages. Muting can be accomplished by
setting Vg to zero.
A simplified schematic for the MMIC die in the package is
shown in Figure 15. The MMIC die contains ESD and over
voltage protection diodes for Vg, Vd1, and Vd2. ESD diodes
protect all possible ESD or over voltage damages among
Vg to ground, Vg to Vd1, Vg to Vd2, Vd1 to ground and
Vd2 to ground. The typical forward current versus voltage
for 11 diodes connected in series is shown in Figure 16.
The RF input and output are DC blocked internally.
Under the recommended DC quiescent biasing condition
at Vds=5V, Ids=600mA, Vgg=+0.5V, typical gate terminal
current is approximately 0.02mA. If an active biasing
technique is selected for the AMMP6421 MMIC PA DC
biasing, the active biasing circuit must have more than
10-times higher internal current that the gate terminal
current.
The AMMP6421 can be biased either single positive DC
biasing or dual positive supply operation as shown in
Figure 17(a) and (b).
Output
VD2
VG
Input
VD1
VD1
VG
VD2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com