Electronic Components Datasheet Search
  English  ▼

X  

NSR201MX Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSR201MX
Description  Schottky Barrier Diode for Mixer and Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR201MX Datasheet(HTML) 2 Page - ON Semiconductor

  NSR201MX Datasheet HTML 1Page - ON Semiconductor NSR201MX Datasheet HTML 2Page - ON Semiconductor NSR201MX Datasheet HTML 3Page - ON Semiconductor NSR201MX Datasheet HTML 4Page - ON Semiconductor NSR201MX Datasheet HTML 5Page - ON Semiconductor NSR201MX Datasheet HTML 6Page - ON Semiconductor NSR201MX Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NSR201MX
www.onsemi.com
2
Table 2. ORDERING INFORMATION
Device
Marking
Package
Shipping†
NSR201MXT5G
RF
X2DFN2 1.0 x 0.65 P
(Pb−Free / Halogen Free)
8,000 / Tape & Real
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
Table 3. ELECTRICAL CHARACTERISTICS at TA = 25°C (Notes 1, 2)
Parameter
Symbol
Conditions
Value
Units
Min
Typ
Max
Reverse Voltage
VR
IR = 10 μA
2
V
Forward Voltage
VF
IF = 1 mA
320
mV
Series Resistance
RS
IF = 10 mA
14
18
Ω
Interterminal Capacitance
C
VR = 0 V, f = 1 MHz
0.15
0.20
pF
1. Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pay attention to handling since it is liable to be affected by static electricity due to the high−frequency process adopted.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com