Electronic Components Datasheet Search
  English  ▼

X  

44006RC Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 44006RC
Description  Precision Epoxy NTC Thermistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

44006RC Datasheet(HTML) 3 Page - TE Connectivity Ltd

  44006RC Datasheet HTML 1Page - TE Connectivity Ltd 44006RC Datasheet HTML 2Page - TE Connectivity Ltd 44006RC Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MEAS MICRO-THERMOCOUPLES
TESS-ANDO-408-0000050
TE SENSOR SOLUTIONS /// MEAS 44000RC SERIES
REV A
Page 3
te.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to
herein might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or comple
teness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or
misuse of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2016
TE Connectivity Ltd. family of companies
All Rights Reserved.
Ordering Information
Parameters
Ordering
Part
Number
Model
Number
Zero Power
Resistan
ce
Beta
0-50(K)
Ratio
 25/125º
Max
Working
Temp.
Best Storage &
Working
Temp.
Mix
±0.2ºC Interchangeability
Tolerance 0 to 70ºC
701001-M
44001RC
100
2854
11.49
100°C
-80°C to 50°C
L
701002
44002RC
300
3118
15.15
100°C
-80°C to 50°C
L
701003-M
44003RC
1,000
3217
17.33
100°C
-80°C to 50°C
L
701004
44004RC
2,252
3891
29.26
150°C
-80°C to 120°C
B
701005-M
44005RC
3,000
3891
29.26
150°C
-80°C to 120°C
B
701007-M
44007RC
5,000
3891
29.26
150°C
-80°C to 120°C
B
701016-M
44016RC
10,000
3891
29.26
150°C
-80°C to 120°C
B
701006
44006RC
10,000
3574
23.51
150°C
-80°C to 120°C
B
701008-M
44008RC
30,000
3810
29.15
150°C
-80°C to 120°C
B
701011-M
44011RC
100,000
3988
34.82
150°C
-80°C to 120°C
B
±0.1ºC Interchangeability
Tolerance 0 to 70ºC
701033
44033RC
2,252
3891
29.26
75°C
-80°C to 75°C
B
701030-M
44030RC
3,000
3891
29.26
75°C
-80°C to 75°C
B
701034-M
44034RC
5,000
3891
29.26
75°C
-80°C to 75°C
B
701036-M
44036RC
10,000
3891
29.26
75°C
-80°C to 75°C
B
701037-M
44037RC
6,000
3891
29.26
75°C
-80°C to 75°C
B
701031-M
44031RC
10,000
3574
23.51
75°C
-80°C to 75°C
H
701032
44032RC
30,000
3810
29.15
75°C
-80°C to 75°C
H
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity Company
Tel: 800-522-6752
customercare.ando@te.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com