Electronic Components Datasheet Search
  English  ▼

X  

MCP3304TI/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3304TI/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304TI/ST Datasheet(HTML) 4 Page - Microchip Technology

  MCP3304TI/ST Datasheet HTML 1Page - Microchip Technology MCP3304TI/ST Datasheet HTML 2Page - Microchip Technology MCP3304TI/ST Datasheet HTML 3Page - Microchip Technology MCP3304TI/ST Datasheet HTML 4Page - Microchip Technology MCP3304TI/ST Datasheet HTML 5Page - Microchip Technology MCP3304TI/ST Datasheet HTML 6Page - Microchip Technology MCP3304TI/ST Datasheet HTML 7Page - Microchip Technology MCP3304TI/ST Datasheet HTML 8Page - Microchip Technology MCP3304TI/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MCP3302/04
DS21697B-page 4
 2002 Microchip Technology Inc.
Dynamic Performance
Total Harmonic Distortion
THD
—
-91
—
dB
Note 3
Signal to Noise and Distortion
SINAD
—
78
—
dB
Note 3
Spurious Free Dynamic Range
SFDR
—
92
—
dB
Note 3
Common Mode Rejection
CMRR
—
79
—
dB
Note 6
Channel to Channel Crosstalk
CT
—
> -110
—
dB
Note 6
Power Supply Rejection
PSR
—
74
—
dB
Note 4
Reference Input
Voltage Range
0.4
—
VDD
V
Note 2
Current Drain
—
—
100
0.001
150
3
µA
µACS = VDD = 5V
Analog Inputs
Full Scale Input Span
CH0 - CH7
-VREF
—VREF
V
Absolute Input Voltage
CH0 - CH7
-0.3
—
VDD + 0.3
V
Leakage Current
—
0.001
±1
µA
Switch Resistance
RS
—1
—
k
Ω
See Figure 6-3
Sample Capacitor
CSAMPLE
—
25
—
pF
See Figure 6-3
Digital Input/Output
Data Coding Format
Binary Two’s Complement
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
——
0.3 VDD
V
High Level Output Voltage
VOH
4.1
—
—
V
IOH = -1 mA, VDD = 4.5V
Low Level Output Voltage
VOL
——
0.4
V
IOL = 1 mA, VDD = 4.5V
Input Leakage Current
ILI
-10
—
10
µAVIN = VSS or VDD
Output Leakage Current
ILO
-10
—
10
µAVOUT = VSS or VDD
Pin Capacitance
CIN, COUT
——
10
pF
TAMB = 25°C, F = 1 MHz, Note 1
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, and VREF = 5V. Full differential
input configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with
TAMB = -40°C to +85°C (Note 7). Conversion speed (FSAMPLE) is 100 ksps with FCLK = 21*FSAMPLE
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note 1: This specification is established by characterization and not 100% tested.
2: See characterization graphs that relate converter performance to VREF level.
3: VIN = 0.1V to 4.9V @ 1 kHz.
4: VDD =5VP-P ±500 mV @ 1 kHz, see test circuit Figure 3-3.
5: Maximum clock frequency specification must be met.
6: VREF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz
7: TSSOP devices are only specified at 25°C and +85°C.
8: For slow sample rates, see Section 6.2.1 for limitations on clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com