Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS08 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS08
Description  SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS08 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HCS08 Datasheet HTML 7Page - Texas Instruments SN74HCS08 Datasheet HTML 8Page - Texas Instruments SN74HCS08 Datasheet HTML 9Page - Texas Instruments SN74HCS08 Datasheet HTML 10Page - Texas Instruments SN74HCS08 Datasheet HTML 11Page - Texas Instruments SN74HCS08 Datasheet HTML 12Page - Texas Instruments SN74HCS08 Datasheet HTML 13Page - Texas Instruments SN74HCS08 Datasheet HTML 14Page - Texas Instruments SN74HCS08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
The SN74HCS08 can drive a load with a total capacitance less than or equal to 50 pF while still meeting all of
the datasheet specifications. Larger capacitive loads can be applied, however it is not recommended to exceed
50 pF.
The SN74HCS08 can drive a load with total resistance described by RL ≥ VO / IO, with the output voltage and
current defined in the Electrical Characteristics table with VOH and VOL. When outputting in the high state, the
output voltage in the equation is defined as the difference between the measured output voltage and the supply
voltage at the VCC pin.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and
Cpd Calculation.
Thermal increase can be calculated using the information provided in Thermal Characteristics of Standard Linear
and Logic (SLL) Packages and Devices.
CAUTION
The maximum junction temperature, TJ(max) listed in the Absolute Maximum Ratings, is an additional
limitation to prevent damage to the device. Do not violate any values listed in the Absolute Maximum
Ratings. These limits are provided to prevent damage to the device.
9.2.1.2 Input Considerations
Input signals must cross Vt-(min) to be considered a logic LOW, and Vt+(max) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. These can be directly terminated if the input is
completely unused, or they can be connected with a pull-up or pull-down resistor if the input is to be used
sometimes, but not always. A pull-up resistor is used for a default state of HIGH, and a pull-down resistor is used
for a default state of LOW. The resistor size is limited by drive current of the controller, leakage current into the
SN74HCS08, as specified in the Electrical Characteristics, and the desired input transition rate. A 10-kΩ resistor
value is often used due to these factors.
The SN74HCS08 has no input signal transition rate requirements because it has Schmitt-trigger inputs.
Another benefit to having Schmitt-trigger inputs is the ability to reject noise. Noise with a large enough amplitude
can still cause issues. To know how much noise is too much, please refer to the ΔVT(min) in the Electrical
Characteristics. This hysteresis value will provide the peak-to-peak limit.
Unlike what happens with standard CMOS inputs, Schmitt-trigger inputs can be held at any valid value without
causing huge increases in power consumption. The typical additional current caused by holding an input at a
value other than VCC or ground is plotted in the Typical Characteristics.
Refer to the Feature Description section for additional information regarding the inputs for this device.
9.2.1.3 Output Considerations
The positive supply voltage is used to produce the output HIGH voltage. Drawing current from the output will
decrease the output voltage as specified by the VOH specification in the Electrical Characteristics. The ground
voltage is used to produce the output LOW voltage. Sinking current into the output will increase the output
voltage as specified by the VOL specification in the Electrical Characteristics.
Push-pull outputs that could be in opposite states, even for a very short time period, should never be connected
directly together. This can cause excessive current and damage to the device.
Two channels within the same device with the same input signals can be connected in parallel for additional
output drive strength.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to Feature Description section for additional information regarding the outputs for this device.
www.ti.com
SN74HCS08
SCLS778B – DECEMBER 2019 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74HCS08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com