Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS164D Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HCS164D
Description  SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS164D Datasheet(HTML) 2 Page - Texas Instruments

  SN74HCS164D Datasheet HTML 1Page - Texas Instruments SN74HCS164D Datasheet HTML 2Page - Texas Instruments SN74HCS164D Datasheet HTML 3Page - Texas Instruments SN74HCS164D Datasheet HTML 4Page - Texas Instruments SN74HCS164D Datasheet HTML 5Page - Texas Instruments SN74HCS164D Datasheet HTML 6Page - Texas Instruments SN74HCS164D Datasheet HTML 7Page - Texas Instruments SN74HCS164D Datasheet HTML 8Page - Texas Instruments SN74HCS164D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................5
6.6 Timing Characteristics ................................................5
6.7 Switching Characteristics ...........................................6
6.8 Operating Characteristics .......................................... 6
6.9 Typical Characteristics................................................ 7
7 Parameter Measurement Information............................ 8
8 Detailed Description........................................................9
8.1 Overview..................................................................... 9
8.2 Functional Block Diagram........................................... 9
8.3 Feature Description.....................................................9
8.4 Device Functional Modes..........................................11
9 Application and Implementation.................................. 12
9.1 Application Information............................................. 12
9.2 Typical Application.................................................... 12
10 Power Supply Recommendations..............................15
11 Layout........................................................................... 15
11.1 Layout Guidelines................................................... 15
11.2 Layout Example...................................................... 15
12 Device and Documentation Support..........................16
12.1 Documentation Support.......................................... 16
12.2 Receiving Notification of Documentation Updates..16
12.3 Support Resources................................................. 16
12.4 Trademarks.............................................................16
12.5 Electrostatic Discharge Caution..............................16
12.6 Glossary..................................................................16
13 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (August 2020) to Revision A (January 2021)
Page
• Added BQA package information to Device Information table............................................................................1
• Added BQA package information to Pin Configurations and Functions ............................................................ 3
• Added BQA package to Thermal Information table............................................................................................ 5
SN74HCS164
SCLS827A – AUGUST 2020 – REVISED JANUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com