Electronic Components Datasheet Search
  English  ▼

X  

2SB950 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB950
Description  Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB950 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB950 Datasheet HTML 1Page - Panasonic Semiconductor 2SB950 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SB950, 2SB950A
Silicon PNP epitaxial planar type Darlington
For power amplification and switching
Complementary to 2SD1276 and 2SD1276A
s Features
q
High foward current transfer ratio hFE
q
High-speed switching
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–5
–8
–4
40
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB950
2SB950A
2SB950
2SB950A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO
hFE1
hFE2
*
VBE
VCE(sat)1
VCE(sat)2
fT
ton
tstg
tf
Conditions
VCB = –60V, IE = 0
VCB = –80V, IE = 0
VCE = –30V, IB = 0
VCE = –40V, IB = 0
VEB = –5V, IC = 0
IC = –30mA, IB = 0
VCE = –3V, IC = – 0.5A
VCE = –3V, IC = –3A
VCE = –3V, IC = –3A
IC = –3A, IB = –12mA
IC = –5A, IB = –20mA
VCE = –10V, IC = – 0.5A, f = 1MHz
IC = –3A, IB1 = –12mA, IB2 = 12mA,
VCC = –50V
min
–60
–80
1000
2000
typ
20
0.3
2
0.5
max
–200
–200
–500
–500
–2
10000
–2.5
–2
–4
Unit
µA
µA
mA
V
V
V
V
MHz
µs
µs
µs
2SB950
2SB950A
2SB950
2SB950A
2SB950
2SB950A
*h
FE2 Rank classification
Rank
Q
P
hFE2
2000 to 5000 4000 to 10000
Unit: mm
Internal Connection
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
B
C
E


Similar Part No. - 2SB950

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB950 PANASONIC-2SB950 Datasheet
75Kb / 3P
For Power Amplification And Switching
2SB950A PANASONIC-2SB950A Datasheet
75Kb / 3P
For Power Amplification And Switching
logo
Inchange Semiconductor ...
2SB950A ISC-2SB950A Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
2SB950A NJSEMI-2SB950A Datasheet
131Kb / 2P
Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB950

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1252 PANASONIC-2SB1252 Datasheet
75Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1253 PANASONIC-2SB1253 Datasheet
74Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1254 PANASONIC-2SB1254 Datasheet
74Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1255 PANASONIC-2SB1255 Datasheet
74Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1418 PANASONIC-2SB1418 Datasheet
61Kb / 2P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1490 PANASONIC-2SB1490 Datasheet
71Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1492 PANASONIC-2SB1492 Datasheet
71Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1503 PANASONIC-2SB1503 Datasheet
70Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB937 PANASONIC-2SB937 Datasheet
64Kb / 2P
Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB938 PANASONIC-2SB938 Datasheet
64Kb / 2P
Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com