Electronic Components Datasheet Search
  English  ▼

X  

TLP74RB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP74RB
Description  7 outlet black strip, 540 joules Protect It! Surge Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP74RB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP74RB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP74RB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP74RB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tripp Lite
1111 West 35th Street
Chicago, IL 60609 USA
Telephone: +(773) 869 1234
E-mail: saleshelp@tripplite.com
Model #: TLP74RB
7 outlet black strip, 540 joules Protect It! Surge Suppressor
Highlights
7 outlets (6 right-angle outlets and 1 designated transformer outlet)
4-ft. cord
540 joule rating
$25,000 Ultimate Lifetime Insurance (USA & Canada only)
Description
Tripp Lite's TLP74RB offers economical AC surge suppression for protection of workstations, desktop PCs, telecom systems and other sensitive
electronics. Built-in AC surge suppression shields connected equipment from damage and performance problems due to transient surges. TLP74RB
offers 7 total outlets (6 at right angle and 1 designated transformer plug outlet), 4 foot cord and diagnostic LED to warn of suppressor damage. AC
suppression rated at 540 joules shields equipment from surges and line noise. Attractive black housing with keyhole mounting tabs offering
convenient protection of desktop computer equipment and accessories. $25,000 Ultimate Lifetime Insurance (USA & Canada Only).
PLUG/OUTLETS: Input: NEMA5-15P/Output: 7 NEMA5-15R/4-ft. AC line cord
ELECTRICAL: 120V AC, 60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip
SUPPRESSION: AC: 150V RMS Clamping/540 joules/400V UL1449 Let-through
Applications
Ideal for any desktop, network or home computing application requiring AC line protection.
Package Includes
TLP74RB Surge Suppressor
Features
540 joules AC surge suppression shields equipment from the strongest surges and line noise
7 total AC outlets (6 right angle and 1 transformer plug outlet)
4 foot AC line cable
Attractive black housing
Lighted on/off switch with integrated circuit breaker for overload protection of all outlets
Diagnostic LED confirms surge suppression status
Integrated keyhole slots provide convenient wall/desk mounting
UL1449 3rd Edition Rated (400V all modes), UL1363 (Power Tap), cUL (Canada)
Exceeds IEEE 587 category A & B surge suppression specifications


Similar Part No. - TLP74RB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP74R TRIPPLITE-TLP74R Datasheet
164Kb / 4P
Protect It! 7-Outlet Surge Protector 4 ft. (1.22 m) Cord, 1080 Joules, 1 Diagnostic LED, Light Gray Housing
More results

Similar Description - TLP74RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK6-6 ETC2-SK6-6 Datasheet
484Kb / 4P
8-Outlet, Protect It! Surge Suppressor
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
SK30USB ETC2-SK30USB Datasheet
523Kb / 4P
3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB charger - Protect It! Surge Suppressor
SK120USB ETC2-SK120USB Datasheet
529Kb / 4P
3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB charger - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com