Electronic Components Datasheet Search
  English  ▼

X  

SWW0CT10A Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SWW0CT10A
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CT10A Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SWW0CT10A Datasheet HTML 2Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 3Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 4Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 5Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 6Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 7Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 8Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 9Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Rev1.0, Aug 28, 2019
www.seoulsemicon.com
SWW0CT10A – WICOP-C G2HF
6
Performance Characteristics
Fig 3. Forward Voltage vs. Forward Current, Ta = 25℃
Fig 4. Forward Current vs. Relative Luminous Flux, Ta = 25℃
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
8.00
8.30
8.60
8.90
9.20
9.50
Forward Voltage, VF [V]
0
20
40
60
80
100
120
140
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
Forward Current, IF [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com