Electronic Components Datasheet Search
  English  ▼

X  

MCP3302T-I/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3302T-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302T-I/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3302T-I/ST Datasheet HTML 9Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 10Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 11Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 12Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 13Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 14Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 15Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 16Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 13
MCP3302/04
Note:
Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V,
FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25°C.
FIGURE 2-37:
IDDS vs. VDD.
FIGURE 2-38:
IDDS vs. Temperature.
FIGURE 2-39:
Negative Gain Error vs.
Reference Voltage.
FIGURE 2-40:
Negative Gain Error vs.
Temperature.
FIGURE 2-41:
Common Mode Rejection
vs. Frequency.
0
10
20
30
40
50
60
70
80
22.5
33.544.5
55.5
6
VDD (V)
0.001
0.01
0.1
1
10
100
-50
-25
0
25
50
75
100
Temperature (°C)
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
0123
456
VREF (V)
VDD=5V
FSAMPLE = 100 ksps
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-50
0
50
100
150
Temperature (°C)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
VDD=VREF=5V
FSAMPLE = 100 ksps
70
71
72
73
74
75
76
77
78
79
80
1
10
100
1000
Input Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com