Electronic Components Datasheet Search
  English  ▼

X  

MCP3304T-I/ST Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3304T-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304T-I/ST Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3304T-I/ST Datasheet HTML 17Page - Microchip Technology MCP3304T-I/ST Datasheet HTML 18Page - Microchip Technology MCP3304T-I/ST Datasheet HTML 19Page - Microchip Technology MCP3304T-I/ST Datasheet HTML 20Page - Microchip Technology MCP3304T-I/ST Datasheet HTML 21Page - Microchip Technology MCP3304T-I/ST Datasheet HTML 22Page - Microchip Technology MCP3304T-I/ST Datasheet HTML 23Page - Microchip Technology MCP3304T-I/ST Datasheet HTML 24Page - Microchip Technology MCP3304T-I/ST Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 21
MCP3302/04
6.7
Utilizing the Digital and Analog
Ground Pins
The MCP3302/04 devices provide both digital and ana-
log ground connections to provide another means of
noise reduction. As shown in Figure 6-11, the analog
and digital circuitry are separated internal to the device.
This reduces noise from the digital portion of the device
being coupled into the analog portion of the device. The
two grounds are connected internally through the sub-
strate which has a resistance of 5 -10
Ω.
If no ground plane is utilized, then both grounds must
be connected to VSS on the board. If a ground plane is
available, both digital and analog ground pins should
be connected to the analog ground plane. If both an
analog and a digital ground plane are available, both
the digital and the analog ground pins should be con-
nected to the analog ground plane, as shown in
Figure 6-11. Following these steps will reduce the
amount of digital noise from the rest of the board being
coupled into the A/D Converter.
FIGURE 6-11:
Separation of Analog and
Digital Ground Pins.
MCP3302/04
Analog Ground Plane
DGND
AGND
VDD
0.1 µF
Substrate
5 - 10
Ω
Digital Side
-SPI Interface
-Shift Register
-Control Logic
Analog Side
-Sample Cap
-Capacitor Array
-Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com