Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 5 Page - Analog Devices

  AD7380 Datasheet HTML 1Page - Analog Devices AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 5 of 30
TIMING SPECIFICATIONS
VCC = 3.0 V to 3.6 V, VLOGIC = 1.65 V to 3.6 V, VREF = 2.5 V internal, and TA = −40°C to +125°C, unless otherwise noted. See Figure 2 to Figure 5,
Figure 37, Figure 38, and Figure 39 for the timing diagrams. Multifunction pin names may be referenced by their relevant function only.
Table 3.
Parameter
Min
Typ
Max
Unit
Description
tCYC
Time between conversions
1
µs
AD4682
2
µs
AD4683
tSCLKED
190
ns
CS falling edge to first SCLK falling edge
tSCLK
25
ns
SCLK period
tSCLKH
10
ns
SCLK high time
tSCLKL
10
ns
SCLK low time
tCSH
10
ns
CS pulse width
tQUIET
Interface quiet time prior to conversion
500
ns
AD4682
1500
ns
AD4683
tSDOEN
CS low to SDOA and SDOB/ALERT enabled
6
ns
VLOGIC ≥ 2.25 V
8
ns
1.65 V ≤ VLOGIC < 2.3 V
tSDOH
3
ns
SCLK rising edge to SDOA and SDOB/ALERT hold time
tSDOS
SCLK rising edge to SDOA and SDOB/ALERT setup time
6
ns
VLOGIC ≥ 2.25 V
8
ns
1.65 V ≤ VLOGIC < 2.3 V
tSDOT
8
ns
CS rising edge to SDOA and SDOB/ALERT high impedance
tSDIS
1
ns
SDI setup time prior to SCLK falling edge
tSDIH
1
ns
SDI hold time after SCLK falling edge
tSCLKCS
0
ns
SCLK rising edge to CS rising edge
tCONVERT
190
ns
Conversion time
tACQUIRE
ns
Acquire time
810
ns
AD4682
1810
ns
AD4683
tRESET
Valid time to start conversion after software reset
250
ns
Valid time to start conversion after soft reset
800
ns
Valid time to start conversion after hard reset
tPOWERUP
Supply active to conversion
5
ms
First conversion allowed
11
ms
Settled to within 1% with internal reference
5
ms
Settled to within 1% with external reference
tREGWRITE
5
ms
Supply active to register read write access allowed
tSTARTUP
Exiting shutdown mode to conversion
11
ms
Settled to within 1% with internal reference
10
µs
Settled to within 1% with external reference
tALERTS
220
ns
Time from CS to ALERT indication
tALERTC
12
ns
Time from CS to ALERT clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com