Electronic Components Datasheet Search
  English  ▼

X  

AD9081 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9081
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9081 Datasheet(HTML) 2 Page - Analog Devices

  AD9081 Datasheet HTML 1Page - Analog Devices AD9081 Datasheet HTML 2Page - Analog Devices AD9081 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AD9081
Preliminary Technical Data
Rev. PrA | Page 2 of 3
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
ADC
ADC
ADC
ADC
FAST DETECT
SIGNAL MONITOR
COARSE DIGITAL
DOWN CONVERSION
PROGRAMMABLE
FIR FILTER
DELAY
ADJUST
DELAY
ADJUST
DELAY
ADJUST
DELAY
ADJUST
COARSE DIGITAL
DOWN CONVERSION
COARSE DIGITAL
DOWN CONVERSION
COARSE DIGITAL
DOWN CONVERSION
DATA
ROUTER
MUX
FINE DIGITAL DOWN
CONVERSION
FINE DIGITAL DOWN
CONVERSION
FINE DIGITAL DOWN
CONVERSION
FINE DIGITAL DOWN
CONVERSION
DATA
ROUTER
MUX
FINE DIGITAL DOWN
CONVERSION
FINE DIGITAL DOWN
CONVERSION
FINE DIGITAL DOWN
CONVERSION
FINE DIGITAL DOWN
CONVERSION
DATA
ROUTER
MUX
JESD204B/
JESD204C
LINK Tx
BUFFER
BUFFER
BUFFER
BUFFER
JESD204B/
JESD204C
LINK Rx
DATA
ROUTER
MUX
FINE DIGITAL UP
CONVERSION
FINE DIGITAL UP
CONVERSION
FINE DIGITAL UP
CONVERSION
FINE DIGITAL UP
CONVERSION
FINE DIGITAL UP
CONVERSION
FINE DIGITAL UP
CONVERSION
FINE DIGITAL UP
CONVERSION
FINE DIGITAL UP
CONVERSION
DELAY
ADJUST
DELAY
ADJUST
DELAY
ADJUST
DELAY
ADJUST
DELAY
ADJUST
DELAY
ADJUST
DELAY
ADJUST
DELAY
ADJUST
DATA
ROUTER
MUX
COARSE DIGITAL
UP CONVERSION
COARSE DIGITAL
UP CONVERSION
COARSE DIGITAL
UP CONVERSION
COARSE DIGITAL
UP CONVERSION
DATA
ROUTER
MUX
DATA
ROUTER
MUX
PA
PROTECT
PA
PROTECT
PA
PROTECT
PA
PROTECT
DAC
DAC
DAC
DAC
CLOCK
RECEIVER
CLOCK
DRIVER
SYSREF
CLOCK
RECEIVER
ALIGN
DETECT
CLOCK DISTRIBUTION
AND
CONTROL LOGIC
SYNCRONIZATION
LOGIC
PLL
÷1, ÷2, ÷3, ÷4
÷1, ÷2,÷3,÷4
TO DAC
CLOCK
DAC
CLOCK
SPI
GPIO
MUX
SERDIN0±
DAC
VREF
MICROPROCESSOR
...
RAMP
UP/
DOWN
RAMP
UP/
DOWN
RAMP
UP/
DOWN
RAMP
UP/
DOWN
AVDD1CLK
1.0V
AVDD1D2A
1.0V
AVDD1DAC
1.0V
DVDD1
1.0V
SVDD1
1.0V
AVDD1ADC
1.0V
DVDD1RTM
1.0V
FVDD1
1.0V
RVDD2
2.0V
AVDD2PLL
2.0V
AVDD2DAC
2.0V
AVDD2ADC
2.0V
VDDIF2
1.8V TO 2.0V
GND
PEAK VALUE
DATA
ROUTER
MUX
OUT0_P
SERDIN1±
SERDIN2±
SERDIN3±
SERDIN4±
SERDIN5±
SERDIN6±
SERDIN7±
SYNCOUT0±
SYNCOUT1±
SERDOUT0±
SERDOUT1±
SERDOUT2±
SERDOUT3±
SERDOUT4±
SERDOUT5±
SERDOUT6±
SERDOUT7±
OUT0_N
OUT1_P
OUT1_N
OUT2_P
OUT2_N
OUT3_P
OUT3_N
IN0_P
IN0_N
VCM0
VCM1
IN1_P
IN1_N
FD00, FD01
…
FD30, FD31
IN2_P
IN2_N
VCM2
VCM3
IN3_P
IN3_N
LOOPBACK MUX
AD9081
SYNCIN0±
SYNCIN1±



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com