Electronic Components Datasheet Search
  English  ▼

X  

STM1061 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM1061 Datasheet HTML 6Page - STMicroelectronics STM1061 Datasheet HTML 7Page - STMicroelectronics STM1061 Datasheet HTML 8Page - STMicroelectronics STM1061 Datasheet HTML 9Page - STMicroelectronics STM1061 Datasheet HTML 10Page - STMicroelectronics STM1061 Datasheet HTML 11Page - STMicroelectronics STM1061 Datasheet HTML 12Page - STMicroelectronics STM1061 Datasheet HTML 13Page - STMicroelectronics STM1061 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
STM1061
10/21
Figure 13. N-channel Driver Output Current vs. VDS
Figure 14. N-channel Driver Output Current vs. Input Voltage for VDS = 0.5V
Output Voltage: VDS (V)
AI11125b
0
0.01
0.02
0.03
0.04
0.05
0.06
0
0.25
0.5
0.75
1
1.25
1.5
VCC = 3.3V
VCC = 3.0V
VCC = 2.7V
VCC = 2.1V
VCC = 1.5V
VCC = 1.0V
Input Voltage: VCC (V)
AI11126b
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
Temp. (25
°C)
Temp. (85
°C)
Temp. (–40
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com