Electronic Components Datasheet Search
  English  ▼

X  

2SB951 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB951
Description  Silicon PNP epitaxial planar type Darlington(For midium-speed switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB951 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB951 Datasheet HTML 1Page - Panasonic Semiconductor 2SB951 Datasheet HTML 2Page - Panasonic Semiconductor 2SB951 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SB951, 2SB951A
PC —Ta
IC —VCE
VCE(sat) —IC
VCE(sat) —IC
VBE(sat) —IC
VBE(sat) —IC
hFE —IC
Cob —VCB
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2W)
(1)
(4)
(3)
(2)
Ambient temperature Ta (˚C)
0–5
–4
–1
–3
–2
0
–8
–6
–2
–5
–7
–4
–1
–3
I
B=–2.0mA
–1.8mA
–1.6mA
–1.4mA
–1.2mA
–1.0mA
– 0.8mA
– 0.6mA
– 0.4mA
– 0.2mA
T
C=25˚C
Collector to emitter voltage V
CE
(V)
– 0.1
–1
–10
– 0.3
–3
– 0.1
–100
–10
–1
– 0.3
–3
–30
I
C/IB=500
T
C=100˚C
–25˚C
25˚C
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
– 0.1
–100
–10
–1
– 0.3
–3
–30
(1) I
C/IB=250
(2) I
C/IB=500
(3) I
C/IB=1000
T
C=25˚C
(1)
(2)
(3)
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
– 0.1
–100
–10
–1
– 0.3
–3
–30
I
C/IB=500
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
– 0.1
–100
–10
–1
– 0.3
–3
–30
(1)
(2)
(3)
(1) I
C/IB=250
(2) I
C/IB=500
(3) I
C/IB=1000
T
C=25˚C
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
102
105
104
103
V
CE=–3V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
t=1ms
10ms
I
CP
I
C
Non repetitive pulse
T
C=25˚C
DC
Collector to emitter voltage V
CE
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com