Electronic Components Datasheet Search
  English  ▼

X  

532621 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 532621
Description  Vacuum generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

532621 Datasheet(HTML) 1 Page - Festo Corporation.

  532621 Datasheet HTML 1Page - Festo Corporation. 532621 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vacuum generator
VN-05-L-T3-PQ2-VQ2-RO1-A
Part number: 532621
Data sheet
Feature
Value
Nominal width of Laval nozzle
0.45 mm
Width dimension
14 mm
Type code
VN
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
Standard
High suction volume
Integrated function
Ejector pulse valve, pneumatic
Pneumatic muffler open
Design
T-shape
Symbol
00992043
Operating pressure for max. suction rate
5 bar
Operating pressure
1 bar ... 8 bar
Nominal operating pressure
6 bar
Max. suction rate with respect to atmosphere
13.6 l/min
Air supply time at nominal operating pressure
1.93 s
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
0 °C ... 60 °C
Cleaning advice
Soap suds
Noise level at nominal operating pressure
52 dB(A)
Ambient temperature
0 °C ... 60 °C
Max. tightening torque
0.5 Nm
Product weight
49 g
Type of mounting
With through-hole
With H-rail
With accessories
Pneumatic connection 1
QS-6
Pneumatic connection 3
Pneumatic muffler open
Vacuum connection
QS-6
Material of connecting thread
Wrought aluminum alloy, anodized
Note on materials
Free of copper and PTFE
RoHS-compliant
Seals material
NBR
Female nozzle material
POM
3/2/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 532621

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Festo Corporation.
532620 FESTO-532620 Datasheet
96Kb / 2P
Vacuum generator
532622 FESTO-532622 Datasheet
100Kb / 2P
Vacuum generator
532623 FESTO-532623 Datasheet
100Kb / 2P
Vacuum generator
532624 FESTO-532624 Datasheet
95Kb / 2P
Vacuum generator
More results

Similar Description - 532621

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com