Electronic Components Datasheet Search
  English  ▼

X  

193595 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 193595
Description  Vacuum generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

193595 Datasheet(HTML) 1 Page - Festo Corporation.

  193595 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum generator
VN-05-L-T2-PQ1-VQ1-RO1
Part number: 193595
Data sheet
Feature
Value
Nominal width of Laval nozzle
0.45 mm
Width dimension
10 mm
Type code
VN
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
High suction rate
Standard
Integrated function
Pneumatic muffler open
Design
T-shape
Symbol
00991489
Operating pressure for max. suction rate
5 bar
Operating pressure
1 bar ... 8 bar
Nominal operating pressure
6 bar
Max. suction rate with respect to atmosphere
15.7 l/min
Air supply time at nominal operating pressure
1.7 s
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
0 °C ... 60 °C
Noise level at nominal operating pressure
53 dB(A)
Ambient temperature
0 °C ... 60 °C
Max. tightening torque
0.5 Nm
Product weight
15 g
Type of mounting
With through-hole
With accessories
Pneumatic connection 1
QS-4
Pneumatic connection 3
Pneumatic muffler open
Vacuum connection
QS-4
Note on materials
Free of copper and PTFE
RoHS-compliant
Seals material
NBR
Female nozzle material
POM
Housing material
POM-reinforced
Muffler material
PE
Material of jet nozzle
Wrought aluminum alloy
Material of pneumatic fitting
Brass
Nickel-plated
3/2/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 193595

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
193590 FESTO-193590 Datasheet
81Kb / 1P
Vacuum generator
logo
PHOENIX CONTACT
1935909 PHOENIX-1935909 Datasheet
457Kb / 11P
PT 2,5/15-5,0-H - PCB terminal block
logo
Festo Corporation.
193591 FESTO-193591 Datasheet
81Kb / 1P
Vacuum generator
logo
PHOENIX CONTACT
1935912 PHOENIX-1935912 Datasheet
449Kb / 11P
PT 2,5/16-5,0-H - PCB terminal block
logo
Festo Corporation.
193592 FESTO-193592 Datasheet
81Kb / 1P
Vacuum generator
More results

Similar Description - 193595

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com