Electronic Components Datasheet Search
  English  ▼

X  

DI372F1K Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DI372F1K
Description  Panel Meters and Controllers Autoranging Frequency Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DI372F1K Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DI372F1K Datasheet HTML 1Page - Carlo Gavazzi Holding AG DI372F1K Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice
DI3-72 F1K
Dimensions (mm)
1
2
345
67
8
Power supply
Wiring Diagram
Hz
Front Panel Description
1. Display
3-dgt (maximum read-out 999).
Alphanumeric indication by means of 7-segment display
for:
- Displaying of the measured value, over-range.
1
Range Table
Measurement
Dec. point
Resolution
position
1.00 to 9.99 Hz
9.99
0.01 Hz
10.0 to 99.9 Hz
99.9
0.1 Hz
100 to 999 Hz
999
1 Hz
(Automatic selection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com