Electronic Components Datasheet Search
  English  ▼

X  

1760C Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1760C
Description  TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1760C Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1760C Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1760C Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1760C Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hammond Mfg. Co. Ltd., Electronics Division
Dimensions
A 2.813” ±0.063
D 2.375” ±0.063
B
1.560” ±0.125
G 0.187” ±0.015
C
1.683” ±0.063
Release 2: 02.12.2021
Maximum PRI DC
40mA
Primary Brown-Red
92KOhm
16.2H
Secondary Black-Yellow
Secondary Black-Green
Primary Blue-Red
Inductance
Impedance
23.0H
132KOhm
0.278 Ohm
0.624 Ohm
1.491 Ohm
@ 1.0 kHz, 1.0 V OC
1760C
TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMER
3.2, 8 & 16 Ohms
5W
Output Impedance
Output Power
ELECTRICAL SPECIFICATIONS
Characteristics
Typical
Input Impedance
5000/8000 Ohms
• Designed for drop in replacement of original
units.
• Constructed to look similar to original factory
units (where possible).
• Material used & design specifications were kept
as close as possible to the original part to
preserve the stock "tone".
• Open style with minimum 9" long primary and
secondary leads
• Frequency response 70Hz - 15KHz
(0/-1dB reference @ 1KHz)
• Distortion is less than 1% @ 70Hz
Dielectric Strength
Temperature Range
TEST CONDITIONS
1750VRMS
-40 to 105 degC
583.0mH
Brown-Red
TYPICAL TEST CIRCUIT
@ 1.0 kHz, 1.0 V SC
Leakage Inductance
359.90 Ohms
DCR
Primary Blue-Red
Secondary Black-Yellow
Secondary Black-Green
Secondary Black-White
Primary Brown-Red
272.08 Ohms
Measurement instruments:
D scope series iii audio analyzer
Keithley 2010 DVM
Wayne Kerr 3255B with a 3265B
Hp4192a impedance analyzer
* All graphs input level 27dBu @1.0KHz reference.
**The results are typical and are subject to normal manufacturing and
electrical tolerances.
153.85 Ohm
373.8 Ohm
729.0 Ohm
76.70mH
170.65mH
305.10mH
719.5mH
Blue-Red
Secondary Black-White
PRIMARY
SECONDARY
R
L
RS/2
RS/2
OUT
PRIMARY
SECONDARY
BLK
RED
Ohm
COM
YEL 3.2 Ohm
GRN
8 Ohm
BRN
BLU
WHT
5 WATTS
70Hz - 15kHz
16 Ohm
8000
5000
Ohm
NOTE: ALL LEADS 9" LONG MIN.
BLK
BLU
DATE
RED
/ BRN
/ BLU
: CO
M / 5
000
/ 8000
1760C
MAD
E IN
CAN
ADA
YEL
RED
BLK/Y
EL/G
RN/W
HT:
COM
/3.2
/8
/16
D
G
A
B
C
5 WA
TTS
70Hz
- 15kH
z
WHT
GRN
HAMM
OND
MANU
FACT
URIN
G
BLU
www.hammfg.com


Similar Part No. - 1760C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1760 MOLEX11-1760 Datasheet
10Mb / 3P
WOODHEAD짰 TESTERS PERFORM BASIC-VERIFICATION AND MULTIFUNCTION WIRE TESTING WITH COMPACT, SIMPLE-TO-USE DEVICES THAT
logo
Alpha Wire
1760 ALPHAWIRE-1760 Datasheet
97Kb / 4P
Customer Specification
12/8/2022
logo
Advantech Co., Ltd.
1760000837 ADVANTECH-1760000837 Datasheet
364Kb / 2P
12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
1760000837 ADVANTECH-1760000837 Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
1760000837 ADVANTECH-1760000837 Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
More results

Similar Description - 1760C

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1400AP NPC-SM1400AP Datasheet
109Kb / 4P
FOR GUITAR TUNER LSI
logo
Bourns Electronic Solut...
95A1D-Z28-EA0 BOURNS-95A1D-Z28-EA0 Datasheet
320Kb / 3P
Model 95 Premium Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL Datasheet
247Kb / 2P
PDB241-GNL Series - ?쏯o-Load??Guitar Potentiometer
logo
Hammond Manufacturing L...
194B HAMMOND-194B Datasheet
453Kb / 3P
TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMERS
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
?쏯o-Load??Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
24 mm Guitar Potentiometer
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
CTS Guitar Series 24mm Potentiometer
logo
Bourns Electronic Solut...
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
logo
Hammond Manufacturing L...
125DSE HAMMOND-125DSE Datasheet
734Kb / 5P
UNIVERSAL SINGLE ENDED TUBE OUTPUT TRANSFORMER
126C HAMMOND-126C Datasheet
200Kb / 1P
TUBE DRIVER - INTERSTAGE TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com