Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28030 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28030
Description  TMS320F2803x Microcontrollers
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28030 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TMS320F28030 Datasheet HTML 76Page - Texas Instruments TMS320F28030 Datasheet HTML 77Page - Texas Instruments TMS320F28030 Datasheet HTML 78Page - Texas Instruments TMS320F28030 Datasheet HTML 79Page - Texas Instruments TMS320F28030 Datasheet HTML 80Page - Texas Instruments TMS320F28030 Datasheet HTML 81Page - Texas Instruments TMS320F28030 Datasheet HTML 82Page - Texas Instruments TMS320F28030 Datasheet HTML 83Page - Texas Instruments TMS320F28030 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 167 page
background image
0,
Value
Digital
=
V
0
input
when
£
V
V
V
Voltage
Analog
Input
4096
Value
Digital
REFLO
REFHI
REFLO
-
-
´
=
V
input
V
0
when
REFHI
<
<
4095,
Value
Digital
=
V
input
when
REFHI
³
0,
Value
Digital
=
V
0
input
when
£
3.3
V
Voltage
Analog
Input
4096
Value
Digital
REFLO
-
´
=
V
3.3
input
V
0
when
<
<
4095,
Value
Digital
=
V
3.3
input
when
³
80
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
SPRS584N – APRIL 2009 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034
TMS320F28035
Detailed Description
Copyright © 2009–2020, Texas Instruments Incorporated
6.9.2.1
Analog-to-Digital Converter (ADC)
6.9.2.1.1 Features
The core of the ADC contains a single 12-bit converter fed by two sample-and-hold circuits. The sample-
and-hold circuits can be sampled simultaneously or sequentially. These, in turn, are fed by a total of up to
16 analog input channels. The converter can be configured to run with an internal band-gap reference to
create true-voltage based conversions or with a pair of external voltage references (VREFHI/VREFLO) to
create ratiometric-based conversions.
Contrary to previous ADC types, this ADC is not sequencer-based. It is easy for the user to create a
series of conversions from a single trigger. However, the basic principle of operation is centered around
the configurations of individual conversions, called SOCs, or Start-Of-Conversions.
Functions of the ADC module include:
•
12-bit ADC core with built-in dual sample-and-hold (S/H)
•
Simultaneous sampling or sequential sampling modes
•
Full range analog input: 0 V to 3.3 V fixed, or VREFHI/VREFLO ratiometric. The digital value of the input
analog voltage is derived by:
–
Internal Reference (VREFLO = VSSA. VREFHI must not exceed VDDA when using either internal or
external reference modes.)
–
External Reference (VREFHI/VREFLO connected to external references. VREFHI must not exceed VDDA
when using either internal or external reference modes.)
•
Up to 16-channel, multiplexed inputs
•
16 SOCs, configurable for trigger, sample window, and channel
•
16 result registers (individually addressable) to store conversion values
•
Multiple trigger sources
–
S/W – software immediate start
–
ePWM 1–7
–
GPIO XINT2
–
CPU Timers 0/1/2
–
ADCINT1/2
•
9 flexible PIE interrupts, can configure interrupt request after any conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com