Electronic Components Datasheet Search
  English  ▼

X  

AD9361S-CSL Datasheet(PDF) 13 Page - Analog Devices

Part # AD9361S-CSL
Description  RF Agile Transceiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361S-CSL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9361S-CSL Datasheet HTML 9Page - Analog Devices AD9361S-CSL Datasheet HTML 10Page - Analog Devices AD9361S-CSL Datasheet HTML 11Page - Analog Devices AD9361S-CSL Datasheet HTML 12Page - Analog Devices AD9361S-CSL Datasheet HTML 13Page - Analog Devices AD9361S-CSL Datasheet HTML 14Page - Analog Devices AD9361S-CSL Datasheet HTML 15Page - Analog Devices AD9361S-CSL Datasheet HTML 16Page - Analog Devices AD9361S-CSL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Commercial Space Product
AD9361S-CSL
Rev. 0 | Page 13 of 33
Table 9. FDD Mode, 2.4 GHz
Parameter
Min
Typ
Max
Unit
ONE RX CHANNEL, ONE TX CHANNEL
5 MHz Bandwidth
7 dBm
500
mA
−27 dBm
350
mA
10 MHz Bandwidth
7 dBm
540
mA
−27 dBm
390
mA
20 MHz Bandwidth
7 dBm
620
mA
−27 dBm
475
mA
TWO RX CHANNELS, ONE TX CHANNEL
5 MHz Bandwidth
7 dBm
590
mA
−27 dBm
435
mA
10 MHz Bandwidth
7 dBm
660
−27 dBm
510
mA
20 MHz Bandwidth
7 dBm
770
mA
−27 dBm
620
mA
ONE RX CHANNEL, TWO TX CHANNELS
mA
5 MHz Bandwidth
7 dBm
730
mA
−27 dBm
425
mA
10 MHz Bandwidth
7 dBm
800
mA
−27dBm
500
mA
20 MHz Bandwidth
7 dBm
900
mA
−27 dBm
600
mA
TWO RX CHANNELS, TWO TX CHANNELS
mA
5 MHz Bandwidth
7 dBm
820
−27 dBm
515
mA
10 MHz Bandwidth
7 dBm
900
mA
−27 dBm
595
mA
20 MHz Bandwidth
7 dBm
1050
mA
−27 dBm
740
mA
Table 10. FDD Mode, 5.5 GHz
Parameter
Min
Typ
Max
Unit
ONE RX CHANNEL, ONE TX CHANNEL
5 MHz Bandwidth
7 dBm
550
mA
−27 dBm
385
mA
TWO RX CHANNELS, ONE TX CHANNEL
5 MHz Bandwidth
7 dBm
645
mA
−27 dBm
480
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com