Electronic Components Datasheet Search
  English  ▼

X  

AD9546BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 6Page - Analog Devices AD9546BCPZ Datasheet HTML 7Page - Analog Devices AD9546BCPZ Datasheet HTML 8Page - Analog Devices AD9546BCPZ Datasheet HTML 9Page - Analog Devices AD9546BCPZ Datasheet HTML 10Page - Analog Devices AD9546BCPZ Datasheet HTML 11Page - Analog Devices AD9546BCPZ Datasheet HTML 12Page - Analog Devices AD9546BCPZ Datasheet HTML 13Page - Analog Devices AD9546BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 10 of 205
REFERENCE INPUTS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
Differential mode specifications assume ac coupling of the
input signal to the reference input pins
Frequency Range
Sinusoidal Input
750
MHz
Lower limit dependent on input slew rate
Low Voltage Positive Emitter
Coupled Logic (LVPECL)
Input
1
750 × 106
Hz
Lower limit dependent on ac coupling
LVDS Input
1
500 × 106
Hz
Assumes an LVDS minimum of 494 mV p-p differential
amplitude; lower limit dependent on ac coupling
Slew Rate
>4.1
V/µs
Required for proper reference monitor operation; output
jitter degradation can occur for slew rates < 35 V/µs
Common-Mode Input Voltage
0.64
V
Internally generated self bias voltage
Differential Input Amplitude
Peak-to-peak differential voltage swing across pins required
to ensure switching between logic levels as measured with a
differential probe; instantaneous voltage on either pin must
not exceed 1.3 V
fIN < 500 MHz
350
2100
mV p-p
fIN = 500 MHz to 750 MHz
500
2100
mV p-p
Differential Input Voltage
Hysteresis
55
100
mV
Input Resistance
16
kΩ
Equivalent differential input resistance
Input Pulse Width
LVPECL
600
ps
LVDS
900
ps
DC-COUPLED, LVDS-COMPATIBLE
MODE
Applies for dc coupling to an LVDS source
Frequency Range
1
450 × 106
Hz
Slew Rate
>1.2
V/µs
Required for proper reference monitor operation; output
jitter degradation can occur for slew rates < 35 V/µs
Common-Mode Input Voltage
1.125
1.375
V
Differential Input Amplitude
400
1200
mV p-p
Differential voltage across pins required to ensure switching
between logic levels; instantaneous voltage on either pin
must not exceed the supply rails
Differential Input Voltage
Hysteresis
55
100
mV
Input Resistance
16
kΩ
Input Pulse Width
1
ns
SINGLE-ENDED MODE
Single-ended mode specifications assume dc coupling of the
input signal to the reference input pins
1.2 V CMOS
Frequency Range
1
500 × 106
Hz
Assumes dc-coupled input signal to the reference input pins
Input Voltage
High, VIH
0.78
1.38
V
Low, VIL
0.42
V
Input Resistance
30
kΩ
Slew Rate
>8
V/µs
Required for proper reference monitor operation; output
jitter degradation can occur for slew rates < 35 V/µs
Input Pulse Width
900
ps
1.8 V CMOS
Frequency Range
1
500 × 106
Hz
Assumes dc-coupled input signal to the reference input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com