Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6820
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 3Page - Analog Devices LTC6820 Datasheet HTML 4Page - Analog Devices LTC6820 Datasheet HTML 5Page - Analog Devices LTC6820 Datasheet HTML 6Page - Analog Devices LTC6820 Datasheet HTML 7Page - Analog Devices LTC6820 Datasheet HTML 8Page - Analog Devices LTC6820 Datasheet HTML 9Page - Analog Devices LTC6820 Datasheet HTML 10Page - Analog Devices LTC6820 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
Data Sheet
ADBMS1818
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 89
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Watchdog or Discharge Timer (tSLEEP) (See Figure
87)
DTEN pin = 0 or DCTO, Bits[3:0] = 0000, apply over the full
specified temperature range
1.8
2
2.2
sec
DTEN pin = 1 and DCTO, Bits[3:0] ≠ 0000
0.5
120
min
Reference Wake-Up Time (tREFUP (See Figure
55)). Added to tCYCLE Time When Starting from
the Standby State. tREFUP = 0 When Starting from
Other States
tREFUP is independent of the number of channels measured and
the ADC mode, apply over the full specified temperature range
2.7
3.5
4.4
ms
ADC Clock Frequency (fS)
3.3
MHz
SPI DC SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPI Pin Digital Input Voltage High (VIH(SPI))
CSB, SCK, and SDI pins, apply over the full specified
temperature range
2.3
V
SPI Pin Digital Input Voltage Low (VIL(SPI))
CSB, SCK, and SDI pins, apply over the full specified
temperature range
0.8
V
Configuration Pin Digital Input Voltage High
(VIH(CFG))
ISOMD, DTEN, and GPIO1 to GPIO9 pins, apply over the full
specified temperature range
2.7
V
Configuration Pin Digital Input Voltage Low
(VIL(CFG))
ISOMD, DTEN, and GPIO1 to GPIO9 pins, apply over the full
specified temperature range
1.2
V
Digital Input Current (ILEAK(DIG))
CSB, SCK, SDI, ISOMD, and DTEN pins, apply over the full
specified temperature range
±1
μA
Digital Output Low (VOL(SDO))
SDO pin sinking 1 mA, apply over the full specified temperature
range
0.3
V
ISOSPI DC SPECIFICATIONS
See Figure 78.
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Voltage on IBIAS Pin (VBIAS)
Ready/active state, apply over the full specified temperature
range
1.9
2.0
2.1
V
Idle state
0
V
Isolated Interface Bias Current (IB)
RBIAS = 2 kΩ to 20 kΩ, apply over the full specified temperature
range
0.1
1.0
mA
Isolated Interface Current Gain (AIB)
Transmitter pulse amplitude (VA) = ≤ 1.6 V, IB = 1 mA, apply
over the full specified temperature range
18
20
22
mA/mA
IB = 0.1 mA, apply over the full specified temperature range
18
20
24.5
mA/mA
Transmitter Pulse Amplitude (VA)
VA = IPx voltage (VIPx) – IMx voltage (VIMx), apply over the full
specified temperature range
1.6
V
Threshold-Setting Voltage on ICMP Pin (VICMP)
Receiver comparator threshold voltage (VTCMP) = receiver
comparator threshold voltage gain (ATCMP) × VICMP, apply over
the full specified temperature range
0.2
1.5
V
Input Leakage Current on ICMP Pin (ILEAK (ICMP))
VICMP = 0 V to VREG, apply over the full specified temperature
range
±1
µA
Leakage Current on IPx and IMx Pins (ILEAK (IPx/
IMx))
Idle state, VIPx or VIMx, 0 V to VREG, apply over the full specified
temperature range
±1
µA
Receiver Comparator Threshold Voltage Gain
(ATCMP)
Receiver common-mode bias (VCM) = VREG/2 to VREG – 0.2 V,
VICMP = 0.2 V to 1.5 V, apply over the full specified temperature
range
0.4
0.5
0.6
V/V
Receiver Common-Mode Bias (VCM)
IPx and IMx not driving
(VREG – VICMP/3 – 167 mV)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com