Electronic Components Datasheet Search
  English  ▼

X  

ADF5709 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF5709
Description  9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5709 Datasheet(HTML) 3 Page - Analog Devices

  ADF5709 Datasheet HTML 1Page - Analog Devices ADF5709 Datasheet HTML 2Page - Analog Devices ADF5709 Datasheet HTML 3Page - Analog Devices ADF5709 Datasheet HTML 4Page - Analog Devices ADF5709 Datasheet HTML 5Page - Analog Devices ADF5709 Datasheet HTML 6Page - Analog Devices ADF5709 Datasheet HTML 7Page - Analog Devices ADF5709 Datasheet HTML 8Page - Analog Devices ADF5709 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
ADF5709
Rev. A | Page 3 of 9
SPECIFICATIONS
TA = −40°C to +85°C and VCC = 5 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY
fOUT
9.85
20.5
GHz
Drift Rate
0.5
MHz/°C
Pulling
15
MHz p-p
Pulling into a 2.0:1 voltage standing wave ratio (VSWR)
Pushing
−240
MHz/V
Frequency = 20.5 GHz
OUTPUT POWER (POUT)
RFOUT
−4.5
0
+2
dBm
Temperature = 25°C
−6
+4
dBm
Supply Current (ICC)
70
87
mA
HARMONICS, SUBHARMONICS
Second
−15
dBc
Third
−30
dBc
Measured to 16.67 GHz due to test equipment limitation
TUNING
Voltage (VTUNE)
−0.5
+23
V
Sensitivity
220
870
MHz/V
9.8 GHz to 20.5 GHz only
Tune Port Leakage Current
100
μA
VTUNE = 23 V
OUTPUT RETURN LOSS
10
dB
SINGLE SIDEBAND PHASE NOISE
10 kHz Offset
−51
100 kHz Offset
−83
−70
dBc/Hz
1 MHz Offset
−115
10 MHz Offset
−135
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com