Electronic Components Datasheet Search
  English  ▼

X  

HV56264 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV56264
Description  Quad High Voltage Amplifier Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV56264 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV56264 Datasheet HTML 9Page - Microchip Technology HV56264 Datasheet HTML 10Page - Microchip Technology HV56264 Datasheet HTML 11Page - Microchip Technology HV56264 Datasheet HTML 12Page - Microchip Technology HV56264 Datasheet HTML 13Page - Microchip Technology HV56264 Datasheet HTML 14Page - Microchip Technology HV56264 Datasheet HTML 15Page - Microchip Technology HV56264 Datasheet HTML 16Page - Microchip Technology HV56264 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2021 Microchip Technology Inc.
DS20006477B-page 13
HV56264
4.0
FUNCTIONAL DESCRIPTION
The HV56264 is a Quad High Voltage Amplifier Array
that can operate up to 225V with a source/sink
capability of 3 mA. Amplifiers are designed to deliver a
11 V/
s typical output slew rate and sustain a 150 kHz
–3 dB Bandwidth for a 15 pF capacitive load.
FIGURE 4-1:
Functional Block Diagram.
+
-
VDD
Vx
0 to 3.3V
VPP
RF
RI
CLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com