Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28027DAQ Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28027DAQ
Description  TMS320F2802x Microcontrollers
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DAQ Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320F28027DAQ Datasheet HTML 30Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 31Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 32Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 33Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 34Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 35Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 36Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 37Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 135 page
background image
8.14.6 Flash Parameters at 40-MHz SYSCLKOUT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
IDDP (1)
VDD current consumption during Erase/Program cycle
VREG disabled
60
mA
IDDIOP (1)
VDDIO current consumption during Erase/Program cycle
60
IDDIOP (1)
VDDIO current consumption during Erase/Program cycle
VREG enabled
100
mA
(1)
Typical parameters as seen at room temperature including function call overhead, with all peripherals off. It is important to maintain a
stable power supply during the entire flash programming process. It is conceivable that device current consumption during flash
programming could be higher than normal operating conditions. The power supply used should ensure VMIN on the supply rails at all
times, as specified in the Recommended Operating Conditions of the data sheet. Any brown-out or interruption to power during
erasing/programming could potentially corrupt the password locations and lock the device permanently. Powering a target board
(during flash programming) through the USB port is not recommended, as the port may be unable to respond to the power demands
placed during the programming process.
8.14.7 Flash Program/Erase Time
PARAMETER
TEST
CONDITIONS
MIN
TYP MAX(2)
UNIT
Program Time(1) 8K Sector
250
2000
ms
4K Sector
125
2000
ms
16-Bit Word
50
μs
Erase Time(3)
8K Sector
2
12
s
4K Sector
2
12
s
(1)
Program time is at the maximum device frequency. The programming time indicated in this table is applicable only when all the
required code/data is available in the device RAM, ready for programming. Program time includes overhead of the flash state machine
but does not include the time to transfer the following into RAM:
•
the code that uses flash API to program the flash
•
the Flash API itself
•
Flash data to be programmed
(2)
Maximum flash parameter mentioned are for the first 100 program and erase cycles.
(3)
The on-chip flash memory is in an erased state when the device is shipped from TI. As such, erasing the flash memory is not required
prior to programming, when programming the device for the first time. However, the erase operation is needed on all subsequent
programming operations.
8.14.8 Flash/OTP Access Timing
PARAMETER
MIN
MAX UNIT
ta(fp)
Paged Flash access time
40
ns
ta(fr)
Random Flash access time
40
ns
ta(OTP)
OTP access time
60
ns
8.14.9 Flash Data Retention Duration
PARAMETER
TEST CONDITIONS
MIN
MAX UNIT
tretention
Data retention duration
TJ = 55°C
15
years
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com