Electronic Components Datasheet Search
  English  ▼

X  

PD2008 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PD2008
Description  DIODE MODULE 200A/800V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD2008 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD2008 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD2008 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD2008 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIODE MODULE 200A/800V
Maximum Ratings
Approx Net Weight:480g
Type / Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PC2008 / PD2008
Unit
Repetitive Peak Reverse Voltage *1
VRRM
800
Non Repetitive Peak Reverse Voltage *1
VRSM
900
V
Parameter
Parameter
Parameter
Parameter
Symbol
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current *1
IO(AV)
50 Hz Half Sine Wave condition
Tc=94°C
200
A
RMS Forward Current *1
IF(RMS)
314
A
Surge Forward Current *1
IFSM
50 Hz Half Sine Wave, 1cycle,
Non-Repetitive
4000
A
I Squared t *1
I2t
2msec to 10msec
80000
A2s
Operating Junction Temperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2000
V
Case Mounting
M6 Screw
2.5 to 3.5
Mounting Torque
Terminals
Ftor
M8 Screw
9.0 to 10.0
N•m
Electrical • Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 150°C
30
mA
Peak Forward Voltage *1
VFM
IFM= 600A, Tj=25°C
1.24
V
Rth(j-c) Junction to Case
0.23
Thermal Resistance *1
Rth(c-f) Case to Fin, Greased
0.1
°C/W
*1: Value Per 1Arm
FEATURES
* Isolated Base
* Dual Diodes Cathode Common and
Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PC2008 PD2008
PC2008 PD2008
PC2008 PD2008
PC2008 PD2008
OUTLINE DRAWING
PC
PD


Similar Part No. - PD2008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD2008 NIEC-PD2008 Datasheet
156Kb / 2P
200A Avg 800 Volts
More results

Similar Description - PD2008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH2008 NIEC-PCH2008 Datasheet
256Kb / 5P
THYRISTOR MODULE 200A/800V
PD2018 NIEC-PD2018 Datasheet
172Kb / 6P
DIODE MODULE - 200A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PDT2018 NIEC-PDT2018 Datasheet
328Kb / 9P
THYRISTOR MODULE 200A / 800V
PGH2008AM NIEC-PGH2008AM Datasheet
237Kb / 4P
THYRISTOR MODULE 200A / 800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
logo
MacMic
MMD200S MACMIC-MMD200S Datasheet
196Kb / 3P
200A Rectifier Diode Module
MMD200S160U MACMIC-MMD200S160U Datasheet
279Kb / 3P
200A Rectifier Diode Module
logo
Shindengen Electric Mfg...
MG038A200080A SHINDENGEN-MG038A200080A Datasheet
1Mb / 6P
Bridge Diodes 800V, 200A
MG061C200080A SHINDENGEN-MG061C200080A Datasheet
390Kb / 4P
Bridge Diodes 800V, 200A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com