Electronic Components Datasheet Search
  English  ▼

X  

PC3016 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PC3016
Description  DIODE MODULE 30A/1200 to1600V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC3016 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PC3016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC3016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PC3016 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIODE MODULE 30A/1200 to 1600V
Maximum Ratings
Approx Net Weight:155g
Type / Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PC3012 / PD3012
PC3016 / PD3016
Unit
Repetitive Peak Reverse Voltage *1
VRRM
1200
1600
Non Repetitive Peak Reverse Voltage *1
VRSM
1300
1700
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current *1
IO(AV)
50Hz Half Sine Wave condition
Tc=100°C
30
A
RMS Forward Current *1
IF(RMS)
47
A
Surge Forward Current *1
IFSM
50 Hz Half Sine Wave,1Pulse
Non-repetitive
600
A
I Squared t *1
I2t
2msec to 10msec
1800
A2s
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
M6 Screw
2.4 to 3.5
Mounting torque
Terminals
Ftor
M5 Screw
2.4 to 2.8
N•m
Electrical • Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 125°C
10
mA
Peak Forward Voltage *1
VFM
IFM= 90A, Tj=25°C
1.30
V
Rth(j-c) Junction to Case
0.7
Thermal Resistance *1
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound
0.2
°C/W
*1: Value Per 1Arm
FEATURES
* Isolated Base
* Dual Diodes Cathode Common and
Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PC3012 PC3016
PC3012 PC3016
PC3012 PC3016
PC3012 PC3016
PD3012 PD3016
PD3012 PD3016
PD3012 PD3016
PD3012 PD3016
OUTLINE DRAWING
φ


Similar Part No. - PC3016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC3016 NIEC-PC3016 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
logo
Kyocera Kinseki Corpota...
PC3016 KSS-PC3016 Datasheet
844Kb / 2P
Diode
More results

Similar Description - PC3016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT308 NIEC-PT308 Datasheet
135Kb / 3P
DIODE MODULE 30A/800V/1000V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PC10012 NIEC-PC10012 Datasheet
219Kb / 3P
DIODE MODULE 100A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
THYRISTOR MODULE 30A/1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PE308N NIEC-PE308N Datasheet
156Kb / 3P
DIODE MODULE 30A/800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT308AC NIEC-PT308AC Datasheet
113Kb / 3P
DIODE MODULE 30A/800V
PT368 NIEC-PT368 Datasheet
116Kb / 3P
DIODE MODULE 30A/800V/1000V
PC3012 NIEC-PC3012_1 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com