Electronic Components Datasheet Search
  English  ▼

X  

KS3P Datasheet(PDF) 1 Page - Amphenol Corporation

Part # KS3P
Description  3.5mm STEREO PHONE PLUG CUSTOMER DRAWING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

KS3P Datasheet(HTML) 1 Page - Amphenol Corporation

  KS3P Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EXPLORED VIEW ( 1 : 1 )
ISO VIEW ( 1 : 1 )
A
B
C
D
E
F
A
B
C
D
E
F
2
13
4
5
678
1
3
2
7
68
4
5
KEY PRODUCT CHARACTERISTICS
LEGEND
SHEET
THIRD ANGLE
PROJECTION
THIS DOCUMENT IS THE PROPERTY OF AMPHENOL AUSTRALIA PTY. LTD.
. NO PART THEREOF MAY BE REPRODUCED AND USED
WITHOUT THE PRIOR WRITTEN CONSENT OF THE OWNER
LINEAR
X.XX ±
X.X ±
X
±
BREAK ALL SHARP EDGES
AND REMOVE ALL BURRS
UNLESS OTHERWISE SPECIFIED
TOLERANCE TO BE
FINISH:
MATERIAL:
CAD FILE:
X.X'
±
X.X'X " ±
DIMENSIONS IN
DO NOT SCALE
X
±
ANGULAR
Amphenol Australia Pty.Ltd,
2 Fiveways Blvd, Keysborough, VIC 3173
DATE:
DATE:
DATE:
PART No:
APP'D:
SCALE:
CKD:
DRN:
TITLE:
DRAWING NO.
SIZE:
Amphenol
/
1
30'
15'
MILIMETRES
55010850000121
SEE TABLE
T.Z
10-12-10
2:1
SEE TABLE
3.5mm STEREO
PHONE PLUG
CUSTOMER DRAWING
A4
55010850-000-1
SEE PARTS LIST
1
1
M.H
P.M
12-06-12
12-06-12
0.5
0.25
0.1
& TABLE
1
INSULATE PVC TUBE CLEAR
51270077-521
3
1
STEREO INSERT ASSY GOLD/NICKEL PLATING
51560105-121/321
2
1
DIECAST SHELL BLACK CHROME/NICKEL/BLK FINISH
50440041-000/300/400
1
QTY
DESCRIPTION
PART NUMBER
ITEM
PART NUMBER
CONTACT FINISH
SHELL FINISH
CAT NUMBER
NICKEL PLATING
BLACK CHROME
KS3PC
GOLD PLATING
BLACK CHROME
KS3PC-AU
REVISION HISTORY
REV
DESCRIPTION
DATE
BY
ECN
0
FIRST ISSUE
16/08/2012
M.H
----
13.8
51
3.1
2
3
1
l
oH
0
R
0
2
o
en
S
E
/
5
9
2/
ant
i
pl
us
A


Similar Part No. - KS3P

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
KS300 CRYDOM-KS300 Datasheet
616Kb / 2P
Panel Mount
KS300 CRYDOM-KS300 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
KS300 CRYDOM-KS300 Datasheet
632Kb / 5P
PROTECTIVE COVERS
logo
ZHEJIANG HUAJING RECTIF...
KS300A HUAJING-KS300A Datasheet
125Kb / 2P
Bi-directlonal Thyristor
logo
DFI Inc
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
More results

Similar Description - KS3P

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-3501 CUI-SP-3501 Datasheet
222Kb / 1P
3.5mm STEREO PLUG
logo
Switchcraft, Inc.
35HDBAU SWITCH-35HDBAU Datasheet
130Kb / 1P
3.5mm STEREO PLUG
logo
Emerson Network Power
ADT-2733-MF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2733-MF-3MM-02-01 Datasheet
97Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE DRAWING
ADT-2734-MM-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2734-MM-3MM-02-01 Datasheet
70Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE DRAWING
logo
Assmann Electronics Inc...
AK243-2 ASSMANN-AK243-2 Datasheet
79Kb / 1P
3.5mm STEREO PLUG
logo
Adam Technologies, Inc.
ASJ-5-X-AP-LM-HT ADAM-TECH-ASJ-5-X-AP-LM-HT Datasheet
120Kb / 1P
STEREO PHONE JACK
ASJ-37-X-N ADAM-TECH-ASJ-37-X-N Datasheet
101Kb / 1P
STEREO PHONE JACK
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
Switchcraft, Inc.
35HR07235X SWITCH-35HR07235X Datasheet
94Kb / 2P
3.5MM STEREO TO 3.5MM, RoHS
35HR14435X SWITCH-35HR14435X Datasheet
94Kb / 2P
3.5MM STEREO TO 3.5MM, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com