Electronic Components Datasheet Search
  English  ▼

X  

74AC00 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74AC00
Description  Advanced CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74AC00 Datasheet(HTML) 1 Page - Silicon Supplies

  74AC00 Datasheet HTML 1Page - Silicon Supplies 74AC00 Datasheet HTML 2Page - Silicon Supplies 74AC00 Datasheet HTML 3Page - Silicon Supplies 74AC00 Datasheet HTML 4Page - Silicon Supplies 74AC00 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced CMOS Logic – 74AC00
Rev 1.0
19/02/21
Quad 2-Input NAND Gates in bare die form
Die Size (Unsawn)
1200 x 1200
47 x 47
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Outputs Sink/Source 24mA
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 74HC00 or 74LS00
Full Military Temperature Range.
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54AC00
Supply Formats:
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
74AC00 provides x4 independent 2-input NAND gates
performing the Boolean function Y = A • B or Y = A + B.
The device is fabricated using a 1.5µm 5V CMOS process
combining high speed LSTTL performance with CMOS low
power. Internal circuitry comprises of 3 stages and includes
buffered output for high noise immunity and stability.
Device inputs are compatible with standard CMOS outputs;
with pull-up resistors, they are compatible with LSTTL
outputs. All inputs are equipped with protection circuits
against static discharge and transient excess voltage.
Description
Die Dimensions in µm (mils)
1200 (47)
Mechanical Specification
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74AC00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74AC00 MOTOROLA-74AC00 Datasheet
126Kb / 5P
QUAD 2-INPUT NAND GATE
logo
STMicroelectronics
74AC00 STMICROELECTRONICS-74AC00 Datasheet
182Kb / 8P
QUAD 2-INPUT NAND GATE
Apr-2001
logo
Texas Instruments
74AC00 TI-74AC00 Datasheet
29Kb / 5P
Quad 2-Input NAND Gate
logo
Fairchild Semiconductor
74AC00 FAIRCHILD-74AC00 Datasheet
104Kb / 7P
Quad 2-Input NAND Gate
logo
Hitachi Semiconductor
74AC00 HITACHI-74AC00 Datasheet
43Kb / 7P
Quad 2-Input NAND Gate
More results

Similar Description - 74AC00

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74AC139 SS-74AC139 Datasheet
739Kb / 6P
Advanced CMOS Logic
74AC244 SS-74AC244 Datasheet
449Kb / 6P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
74ACT08 SS-74ACT08 Datasheet
286Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
754Kb / 6P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
54AC273 SS-54AC273 Datasheet
456Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
74AC240 SS-74AC240_V01 Datasheet
412Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
74AC273 SS-74AC273 Datasheet
455Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com