Electronic Components Datasheet Search
  English  ▼

X  

BC107B Datasheet(PDF) 1 Page - Silicon Supplies

Part # BC107B
Description  NPN Transistor Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BC107B Datasheet(HTML) 1 Page - Silicon Supplies

  BC107B Datasheet HTML 1Page - Silicon Supplies BC107B Datasheet HTML 2Page - Silicon Supplies BC107B Datasheet HTML 3Page - Silicon Supplies BC107B Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
www.siliconsupplies.com
Die Size
(Excluding Saw Street)
350 x 350
13.78 x 13.78
µm
mils
Base Pad Size
102.5 x 102.5
4.02 x 4.02
Emitter Pad Size
96 x 96
5.51 x 5.51
µm
mils
Die Thickness
230 (±15)
9.06 (±0.59)
µm
mils
Top Metal Composition
Al - 1.3µm
Back Metal Composition
AuAs - 0.9µm
NPN Transistor Bare Die - BC107B
General purpose medium power amplifier or switch in bare die form
Complement to PNP BC307B
Low saturation voltage
Well suited for amplifier applications
High reliability gold back metal
High reliability tested grades for Military + Space
Rev 1.0
08/01/19
Features:
Die Dimensions in µm (mils)
350 (13.78)
102.5
(4.02)
E = EMITTER B = BASE
DIE BACK = COLLECTOR
Ordering Information:
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
With additional electrical selection – Specific request
Sawn as pairs or adjacent pair pick – Specific request
140
(5.51)
B
The following part suffixes apply:
No suffix - MIL-STD-750 /2072 Visual Inspection
“H” - MIL-STD-750 /2072 Visual Inspection
+ MIL-STD-38534 Class H LAT
“K” - MIL-STD-750 /2072 Visual Inspection
+ MIL-STD-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
B
E


Similar Part No. - BC107B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC107B SIEMENS-BC107B Datasheet
263Kb / 8P
npn sisicon transistor
logo
STMicroelectronics
BC107B STMICROELECTRONICS-BC107B Datasheet
385Kb / 9P
Low noise general purpose audio amplifiers
06-Nov-2006
logo
Comset Semiconductor
BC107B COMSET-BC107B Datasheet
81Kb / 3P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
Continental Device Indi...
BC107B CDIL-BC107B Datasheet
147Kb / 4P
NPN SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BC107B CENTRAL-BC107B Datasheet
545Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - BC107B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
SISH10 SS-SISH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
2N5551 SS-2N5551 Datasheet
1Mb / 4P
NPN Transistor Bare Die
Rev 1.1 22/12/21
TIP42C SS-TIP42C Datasheet
280Kb / 2P
NPN Transistor Bare Die
Rev 1.0 02/09/17
2N6045 SS-2N6045 Datasheet
3Mb / 4P
NPN Transistor Bare Die
Rev 1.0 12/07/23
2N3055 SS-2N3055 Datasheet
230Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
TIP122 SS-TIP122 Datasheet
214Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
TIP122 SS-TIP122_V01 Datasheet
210Kb / 2P
NPN Transistor Bare Die
Rev 1.0 19/12/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com