Electronic Components Datasheet Search
  English  ▼

X  

TPD5030 Datasheet(PDF) 2 Page - Silicon Supplies

Part # TPD5030
Description  ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TPD5030 Datasheet(HTML) 2 Page - Silicon Supplies

  TPD5030 Datasheet HTML 1Page - Silicon Supplies TPD5030 Datasheet HTML 2Page - Silicon Supplies TPD5030 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD Protection Diode – TPD5030
Absolute Maximum Ratings1 T
J = 25°C unless otherwise stated
Rev 1.0
29/11/20
PARAMETER
SYMBOL
VALUE
UNIT
Peak Pulse Power (tp = 8/20 µs)
PPK
140
W
Peak Pulse Current (tp = 8/20 µs)
11
Peak Pulse Current (tp = 5/50 ns)
IPP
40
A
Operating Junction temperature
TJ
-55 to 175
°C
Storage Temperature Range
TSTG
-65 to 200
°C
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
ESD Rating Compliant to IEC 61000-4-2
PARAMETER
SYMBOL
VALUE
UNIT
Air
±30
kV
Contact
VESD
±30
kV
Electrical Characteristics T
J = 25°C unless otherwise stated
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
5
V
Reverse Breakdown Voltage
VBR
IT = 1mA
6.5
-
8.5
V
Reverse Leakage
IR
VRWM = 5V
-
2
150
nA
IPP = 5A, tp = 8/20 µs
-
-
9.7
Clamping Voltage
VC
IPP = 11A, tp = 8/20 µs
-
-
13.6
V
VR = 0V, f = 1MHz
-
25
40
Junction Capacitance
CJ
VR = 2.5V, f = 1MHz
-
20
30
pF
Reverse Dynamic Resistance
RDYN, REV
-
0.55
-
Forward Dynamic Resistance
IPP > 2A
-
-
Ω
RDYN, FWD
0.35
FIGURE 1. Bidirectional Configuration
FIGURE 2. Peak Pulse Current Versus Time
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com