Electronic Components Datasheet Search
  English  ▼

X  

ADG5412F Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5412F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5412F Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5412F Datasheet HTML 9Page - Analog Devices ADG5412F Datasheet HTML 10Page - Analog Devices ADG5412F Datasheet HTML 11Page - Analog Devices ADG5412F Datasheet HTML 12Page - Analog Devices ADG5412F Datasheet HTML 13Page - Analog Devices ADG5412F Datasheet HTML 14Page - Analog Devices ADG5412F Datasheet HTML 15Page - Analog Devices ADG5412F Datasheet HTML 16Page - Analog Devices ADG5412F Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
ADG5421F
Rev. 0 | Page 13 of 31
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = 39.6 V, VSS = 0 V, GND = 0 V,
digital inputs = 0 V or 5 V
Normal Mode
IDD
125
µA typ
200
200
µA max
IGND
45
µA typ
80
80
µA max
ISS
80
µA typ
120
120
µA max
Fault Mode
VS = +60 V and VS = −40 V
IDD
185
µA typ
270
270
µA max
IGND
155
µA typ
210
210
µA max
ISS
55
µA typ
90
90
µA max
CONTINUOUS CURRENT PER CHANNEL, S OR D
Table 6.
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT, S OR D
θJA = 170°C/W
88
61
41
mA max
VS = VSS to VDD − 5 V
81
57
39
mA max
VS = VSS to VDD − 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com