Electronic Components Datasheet Search
  English  ▼

X  

ADG5404F Datasheet(PDF) 21 Page - Analog Devices

Part # ADG5404F
Description  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404F Datasheet(HTML) 21 Page - Analog Devices

Back Button ADG5404F Datasheet HTML 17Page - Analog Devices ADG5404F Datasheet HTML 18Page - Analog Devices ADG5404F Datasheet HTML 19Page - Analog Devices ADG5404F Datasheet HTML 20Page - Analog Devices ADG5404F Datasheet HTML 21Page - Analog Devices ADG5404F Datasheet HTML 22Page - Analog Devices ADG5404F Datasheet HTML 23Page - Analog Devices ADG5404F Datasheet HTML 24Page - Analog Devices ADG5404F Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
ADG5421F
Rev. 0 | Page 21 of 31
TEST CIRCUITS
IDS
Sx
Dx
VS
V
RON = V/IDS
Figure 31. On Resistance (IDS Is the Drain to Source Current.)
VS
VD
Sx
Dx
A
A
IS (OFF)
ID (OFF)
Figure 32. Off Leakage
Sx
Dx
A
VD
ID (ON)
NC
NC = NO CONNECT
Figure 33. On Leakage
|VS| > |VDD| OR |VSS|
Sx
Dx
A
A
IS
ID
RL
10kΩ
Figure 34. Switch Overvoltage Leakage
VS
VDD = VSS = GND = 0V
Sx
Dx
A
A
IS
ID
RL
10kΩ
Figure 35. Switch Unpowered Leakage
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
INx
VIN
Sx
Dx
OFF ISOLATION = 20 log
VOUT
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 36. Off Isolation (VOUT Is the Output Voltage)
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
Dx
S2
NETWORK
ANALYZER
RL
50Ω
RL
50Ω
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VS
VOUT
Figure 37. Channel to Channel Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com