Electronic Components Datasheet Search
  English  ▼

X  

QCS410 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QCS410
Description  Qualcomm짰 QCS410/QCS610 SoCs for IoT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QCS410 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QCS410 Datasheet HTML 1Page - List of Unclassifed Manufacturers QCS410 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Materials are subject to change without notice.
87-PN006-1 Rev. D
Qualcomm QCS410, Qualcomm QCS610, Qualcomm Artificial Intelligence Engine, Qualcomm Kryo, Qualcomm Adreno
and Qualcomm Hexagon are products of Qualcomm Technologies, Inc. and/or its subsidiaries.
Qualcomm® QCS410/QCS610
SoCs for IoT
QCS410/QCS610 11nm SoCs are purpose-built
to deliver high-performing, power-efficient
edge computing for next-gen smart cameras
and smart enterprise, home and automotive
IoT applications.
4K Ultra HD video with enhanced image
processing features
Premium 4K @30fps H.264/ H.265 video capture and
playback with advanced noise reduction and low light
performance and cutting-edge IQ.
Artificial Intelligence for differentiating
user experiences
On-device machine learning through the Qualcomm AI
Engine can support a plethora of AI networks and IOT use
cases at low power consumption.
Highly integrated SoC designed
to reduce BOM costs and time to
commercialization
Highly Integrated PMIC, audio codecs, security and
connectivity solutions along with a wide range of
interfaces. Pin to pin compatibility between QCS610
and QCS410 supports maximum reuse and reduced
commercialization time for multiple camera products on
the same platform.
Multiple Connectivity Options
Integrated support for WI-FI 802.11ac, BT 5.0, Ethernet/
RGMII addressing a wide range of IOT camera
applications.
The QCS410 and QCS610 IoT System-on-
Chips (SoCs) combine key features for building
advanced vision intelligence applications
encompassing machine learning, edge
computing, multimedia, sensor processing and
voice control, all in a cost effective solution.
Qualcomm® Artificial Intelligence (AI)
Engine, along with heterogeneous compute
architecture, including up to octa-core
Qualcomm® Kryo™ 460 CPU, Qualcomm®
Adreno™ 612 GPU and Qualcomm® Hexagon™
DSP enables powerful compute capability
engineered specifically for low power edge
IoT applications. The QCS410 and QCS610
SoCs support advanced dual image signal
processor (ISP) , hardware-based security,
video processing engine, audio codecs and
GPS along with a wide variety of connectivity
options including Wi-Fi, Bluetooth and
Ethernet.
To further facilitate fast and cost-effective
development, Qualcomm Technologies, Inc.
has partnered with ODMs to provide full form
factor reference devices, as well as ISVs to
provide solutions that address various IoT
market segments.
Highlights


Similar Part No. - QCS410

ManufacturerPart #DatasheetDescription
logo
QANTEK Technology Corpo...
QCS QANTEK-QCS Datasheet
253Kb / 2P
QCS Series
logo
Qualwave Inc. All right...
QCS-100-250-GSG-A QUALWAVE-QCS-100-250-GSG-A Datasheet
191Kb / 1P
Calibration Substrates
Rev 1.1
QCS-100-GSSG-A QUALWAVE-QCS-100-GSSG-A Datasheet
215Kb / 1P
Calibration Substrates
Rev 1.1
logo
Mini-Circuits
QCS-152 MINI-QCS-152 Datasheet
305Kb / 3P
2 Way-90째 Power Splitter
QCS-312 MINI-QCS-312 Datasheet
282Kb / 3P
2 Way-90째 Power Splitter
More results

Similar Description - QCS410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F67751 TI1-MSP430F67751 Datasheet
1Mb / 156P
POLYPHASE METERING SoCs
MSP430F6776IPEU TI-MSP430F6776IPEU Datasheet
1Mb / 157P
POLYPHASE METERING SoCs
MSP430F677X TI1-MSP430F677X_14 Datasheet
1Mb / 163P
Polyphase Metering SoCs
MSP430F677X1 TI1-MSP430F677X1 Datasheet
1Mb / 163P
Polyphase Metering SoCs
MSP430F67641A TI1-MSP430F67641A Datasheet
1Mb / 147P
Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_16 Datasheet
1Mb / 162P
Polyphase Metering SoCs
MSP430F6779A TI1-MSP430F6779A Datasheet
2Mb / 176P
Polyphase Metering SoCs
MSP430F67791A TI1-MSP430F67791A Datasheet
2Mb / 176P
Polyphase Metering SoCs
MSP430F677X1 TI1-MSP430F677X1_16 Datasheet
1Mb / 162P
Polyphase Metering SoCs
TPS65218D0 TI1-TPS65218D0 Datasheet
1Mb / 110P
Power Management for ARM Cortex-A8/A9 SOCs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com