Electronic Components Datasheet Search
  English  ▼

X  

ADRF5515 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5515
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5515 Datasheet HTML 2Page - Analog Devices ADRF5515 Datasheet HTML 3Page - Analog Devices ADRF5515 Datasheet HTML 4Page - Analog Devices ADRF5515 Datasheet HTML 5Page - Analog Devices ADRF5515 Datasheet HTML 6Page - Analog Devices ADRF5515 Datasheet HTML 7Page - Analog Devices ADRF5515 Datasheet HTML 8Page - Analog Devices ADRF5515 Datasheet HTML 9Page - Analog Devices ADRF5515 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADRF5515
Data Sheet
Rev. 0 | Page 6 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADRF5515
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. IT IS RECOMMENDED
TO CONNECT NIC TO THE RF GROUND OF THE PCB.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED
TO RF OR DC GROUND.
1
GND
2
GND
3
ANT-CHA
4
GND
5
SWCTRL-CHAB
6
SWVDD-CHAB
7
GND
8
ANT-CHB
9
GND
10
GND
23 GND
24 BP-CHB
25 NIC
26 PD-CHAB
27 BP-CHA
28 GND
29 RXOUT-CHA
30 GND
22 RXOUT-CHB
21 GND
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4, 7, 9 to 11, 15, 16, 21, 23,
28, 30, 35, 36, 40
GND
Ground.
3
ANT-CHA
RF Input to Channel A. The ANT-CHA pin is ac-coupled to 0 V and matched to 50 Ω.
Matching and a dc blocking capacitor are not required.
5
SWCTRL-CHAB
Control Voltage for Switches on Channel A and Channel B.
6
SWVDD-CHAB
Supply Voltage for Switches on Channel A and Channel B.
8
ANT-CHB
RF Input to Channel B. The ANT-CHB pin is ac-coupled to 0 V and matched to 50 Ω.
Matching and a dc blocking capacitor are not required.
12
TERM-CHB
Termination Output for Channel B. The TERM-CHB pin is the transmitter path for Channel B.
The TERM-CHB pin is ac-coupled to 0 V and matched to 50 Ω. No matching and dc blocking
capacitor required.
13, 14, 18, 19, 25, 32, 33, 37, 38
NIC
Not Internally Connected. It is recommended to connect NIC to the RF ground of the PCB.
17
VDD1-CHB
Supply Voltage for Stage 1 LNA on Channel B.
20
VDD2-CHB
Supply Voltage for Stage 2 LNA on Channel B.
22
RXOUT-CHB
Receiver Output. The RXOUT-CHB pin is the receiver path for Channel B. The RXOUT-
CHB pin is ac matched to 50 Ω. No matching component is required. A dc blocking
capacitor is required.
24
BP-CHB
Bypass Second Stage LNA of Channel B.
26
PD-CHAB
Power-Down All Stages of LNA for Channel A and Channel B.
27
BP-CHA
Bypass Second Stage LNA of Channel A.
29
RXOUT-CHA
Receiver Output. The RXOUT-CHA pin is the receiver path for Channel A. The RXOUT-
CHA pin is ac matched to 50 Ω. No matching component is required. A dc blocking
capacitor is required.
31
VDD2-CHA
Supply Voltage for Stage 2 LNA on Channel A.
34
VDD1-CHA
Supply Voltage for Stage 1 LNA on Channel A.
39
TERM-CHA
Termination Output for Channel A. The TERM-CHA pin is the transmitter path for Channel A.
The TERM-CHA pin is ac-coupled to 0 V and matched to 50 Ω. No matching and dc blocking
capacitor required.
EPAD
Exposed Pad. The exposed pad must be connected to RF or dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com