Electronic Components Datasheet Search
  English  ▼

X  

ES5108S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ES5108S
Description  ADC with serial output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES5108S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES5108S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 4Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 5Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 6Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 7Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 8Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 9Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 10Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
continued from previous page
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Analog COMMON Voltage
(with respect to V )
–
25K
Between
Common and Posi-
tive Supply
2.8
3.0
3.2
V
Analog COMMON Temper-
ature Cofficient
–
25K
Between
Common
and
,
C TA
C
–
60
75
ppm/ C
Segment Drive Voltage
–
to
=9V
4
5
6
V
Back plane Drive Voltage
–
to
=9V
4
5
6
V
Supply Current (Does not
include COMMON current)
–
=0V
–
1.2
1.6
mA
Frequency counter input
level
–
–
–
V
DGND
+1.5
Input terminals :
BZINM, BZINS, MAX/MIN, HOLD, RESET, FREQ/VOLT, CLK, DP1, DP2, DP3
Input logic high voltage
–
–
–
V
Input logic low voltage
–
DGND
+1.5
Pull down current
–
=
–
5
–
A
AC Characteristics
Characteristics
Symbol
Min.
Typ.
Max.
Unit
LCD display frequency
–
167
–
Hz
Operating frequency
–
40
–
KHz
Buzzer drive frequency
–
2.5
–
KHz
FREQ-IN Waveform Rising Time
–
–
20
ns
FREQ-IN Waveform Falling Time
–
–
20
ns
FREQ-IN Waveform Pulse Width
17
–
–
ns
Clock Delay Time
1
–
5000
s
Data Set-up Time
–
–
500
ns
EOC Pulse Width
–
–
10
ms
Clock Pulse Width
500
–
–
ns
MAX/MIN duration
0.8
–
–
sec
MAX/MIN and HOLD Keys
Key debounce time
–
32
38
ms
Key hold time
50
–
–
ms
7
July 4, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com