Electronic Components Datasheet Search
  English  ▼

X  

ST25R3911 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25R3911
Description  High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911 Datasheet(HTML) 1 Page - STMicroelectronics

  ST25R3911 Datasheet HTML 1Page - STMicroelectronics ST25R3911 Datasheet HTML 2Page - STMicroelectronics ST25R3911 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This is information on a product still in production but not recommended for new designs. For further information contact
your local STMicroelectronics sales office.
November 2016
DocID030000 Rev 1
1/3
ST25R3911
High performance HF reader / NFC initiator
with 1 W supporting VHBR and AAT
Data brief
- not recommended for new design
Features
• ISO 18092 (NFCIP-1) Active P2P
• ISO14443A, ISO14443B and FeliCa™
• Supports VHBR (3.4 Mbit/s PICC to PCD
framing, 6.8 Mbit/s AFE and PCD to PICC
framing)
• Capacitive sensing - Wake-up
• Automatic antenna tuning system providing
tuning of antenna LC tank
• Automatic modulation index adjustment
• AM and PM (I/Q) demodulator channels with
automatic selection
• Up to 1 W in case of differential output
• User selectable and automatic gain control
• Transparent and Stream modes to implement
MIFARE™ Classic compliant or other custom
protocols
• Possibility of driving two antennas in single
ended mode
• Oscillator input capable of operating with
13.56 MHz or 27.12 MHz crystal with fast
start-up
• 6 Mbit/s SPI with 96 bytes FIFO
• Wide supply voltage range from 2.4 V to 5.5 V
• Wide temperature range: -40 °C to 125 °C
• QFN32, 5 mm x 5 mm package
Description
The ST25R3911 is a highly integrated
HF reader / NFC initiator IC, including the analog
front end (AFE) and a highly integrated data
framing system for ISO 18092 (NFCIP-1) initiator,
ISO 18092 (NFCIP-1) active target, ISO 14443A
and B reader (including high bit rates) and
FeliCa™ reader. Implementation of other
standard and custom protocols like MIFARE™
Classic is possible using the AFE and
implementing framing in the external
microcontroller (Stream and Transparent modes).
The ST25R3911 is positioned perfectly for the
infrastructure side of the NFC system, where
users need optimal RF performance and flexibility
combined with low power.
Thanks to Automatic Antenna Tuning technology
the device is optimized for applications with
directly driven antennas. The ST25R3911 is alone
in the domain of HF reader ICs as it contains two
differential low impedance (1 Ohm) antenna
drivers.
The ST25R3911 includes several features that
make it very suited for low power applications. It
contains a low power capacitive sensor that can
be used to detect the presence of a card without
switching on the reader field. The presence of a
card can also be detected by performing a
measurement of amplitude or phase of signal on
antenna LC tank, and comparing it to the stored
reference. It also contains a low power RC
oscillator and wake-up timer that can be used to
wake up the system after a defined time period,
and to check for the presence of a tag using one
or more low power detection techniques
(capacitive, phase or amplitude).
The ST25R3911 is designed to operate from a
wide (2.4 V to 5.5 V) power supply range;
peripheral interface IO pins support power supply
range from 1.65 V to 5.5 V.
QFN32
www.st.com


Similar Part No. - ST25R3911

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
ST25R3911B-AQFT STMICROELECTRONICS-ST25R3911B-AQFT Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
26-Jun-2017
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
More results

Similar Description - ST25R3911

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
26-Jun-2017
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
ST25R3914 STMICROELECTRONICS-ST25R3914_V01 Datasheet
172Kb / 3P
Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
25-Jun-2019
ST25R3916 STMICROELECTRONICS-ST25R3916 Datasheet
2Mb / 157P
High performance NFC universal device and EMVCo™ reader
06-Aug-2021
ST25R3912 STMICROELECTRONICS-ST25R3912 Datasheet
2Mb / 130P
High performance HF reader / NFC initiator for payment applications with 1 W output power
26-Apr-2022
logo
ELATEC GmbH
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com