Electronic Components Datasheet Search
  English  ▼

X  

SCP2201 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SCP2201
Description  Image cognition processors for low-power, high-performance automotive image processing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCP2201 Datasheet(HTML) 1 Page - NXP Semiconductors

  SCP2201 Datasheet HTML 1Page - NXP Semiconductors SCP2201 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
The SCP2200 family of image cognition processors (ICPs) is designed to enable programmable
intelligent imaging and video applications for automotive vision systems. Powered by CogniVue
APEX™ programmable technology, the SCP2200 family is the first in a series of ICPs offering a unique
combination of high performance, low power and small footprint.
The SCP2200 ICP family utilizes the ARM926EJ™ core as the main RISC processor and runs
at a frequency of 350 MHz. Image cognition processing is handled by the APEX array—a fully
programmable low-power SIMD subsystem using a massively parallel array processor unit (APU), a
second ARM926™ processor running at 350 MHz, hardware acceleration blocks, wide-bandwidth
stream DMAs and internal dual 64-bit AXI data buses to/from all blocks for computationally intensive
applications. The SCP2200 family also supports video encode/decode at up to D1 (720 x 480)
at 30 fps.
SCP2200 is a fully programmable solution and enabled by a comprehensive software suite for image
cognition processing applications (ICP SDK). A wide range of video codecs is supported, including
MPEG-4 and h.264. The fully programmable APEX core technology and common API will enable
support of new emerging standards and proprietary algorithms with simple firmware changes.
The SCP2200 parallel ICP architecture enables concurrent processing of image data translating into
high performance at a lower clock frequency than competitive solutions while the revolutionary data
movement architecture enables high-bandwidth image data processing at very low power.
Image cognition processors for low-power,
high-performance automotive image processing
Target Applications
• Smartreversecamerawithobject
detection and distance measurement
• Smartsurroundviewcamera
• Lanedetectionandtracking
• Fisheyecorrection
• Drivermonitoring
• Blindspotdetection
SCP2200 Family
Image Cognition Processors


Similar Part No. - SCP2201

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SCP20C60 SEMIWELL-SCP20C60 Datasheet
681Kb / 5P
Silicon Controlled Rectifiers
logo
Advantech Co., Ltd.
SCP211-DFTB3 ADVANTECH-SCP211-DFTB3 Datasheet
318Kb / 1P
Industrial RS-232 to RS-422/485 Converters
logo
List of Unclassifed Man...
SCP25C60 ETC1-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results

Similar Description - SCP2201

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN65531AS PANASONIC-MN65531AS Datasheet
52Kb / 6P
Low Power 6-Bit CMOS A/D Converter for Image Processing
MN6576H PANASONIC-MN6576H Datasheet
57Kb / 6P
Low Power 9-Bit CMOS A/D Converter for Image Processing
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
Image Processing LSI
logo
List of Unclassifed Man...
HV7131GP ETC-HV7131GP Datasheet
2Mb / 61P
CMOS Image Sensor with Image Signal Processing
HV7161SPA2 ETC-HV7161SPA2 Datasheet
1Mb / 72P
CMOS Image Sensor with Image Signal Processing
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
CMOS Image Sensor with Image Signal Processing
logo
Hynix Semiconductor
HV7151SP HYNIX-HV7151SP Datasheet
863Kb / 89P
CMOS Image Sensor with Image Signal Processing
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
Camera Image Processors Compatible with JPEG Image
BU2373FV ROHM-BU2373FV_11 Datasheet
388Kb / 19P
High Performance VCOs for Image Sampling
logo
OmniVision Technologies...
OV8865 OMNIVISION-OV8865 Datasheet
3Mb / 2P
High-Performance, Low-Power 8-Megapixel Image Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com