Electronic Components Datasheet Search
  English  ▼

X  

STE050 Datasheet(PDF) 1 Page - ABB

Part # STE050
Description  ABB cable glands ??STE Star Teck짰 extreme series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

STE050 Datasheet(HTML) 1 Page - ABB

  STE050 Datasheet HTML 1Page - ABB STE050 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
—
Features & Benefits:
• Excellent pullout strength
• Robust metallic construction
• Quick and easy installation without disassembly
• Extended clamping range taking
• Provides grounding continuity of cable armor
• Splined gland and gripping features for ease of
installation
• Removable armor-stop for greater cable ranges
—
Applications:
• Provides means for passing jacketed metal clad
cables through a bulkhead or enclosure in industrial
and hazardous areas
• Oil and gas Industry, chemical and industrial
markets
• Construction and installation zones where metal
clad cables are specified
• Suitable for cable types:
– Jacketed Teck and ACWU
– Armored control and instrument (ACIC)
– Type MC:
Jacketed corrugated metal clad (aluminum and
steel)
—
Material:
• Copper free aluminum
• Zinc plated steel option
—
Environmental ratings:
Working Temperature:
• Normal use -40 to +90°C (-40 to +194°F)
Ingress protection:
• Type 4 / 4X
Chemical resistance guide:
• See publication TDS000081
—
Conforms to:
• CSA E60079-0/ -7
– Ex e II
• CSA C22.2 No.25/-174
– Class I Div1 ABCD Class II Div1 EFG Class III Div1
– Refer to CEC for specific applications
• UL2279
– Class I, Zone 1, AEx e II
• UL514B/50 and CSA C22.2-18.3/-94
– Wet and Dry Locations
– Suitable for Class I Div 2, Class II Div 2 and Class
III location per NEC
• RoHS (Restriction of Hazardous Substances
Directive) 2011/65/EU Incorporating 2015/863
amendment to Annex II
The STAR TECK® STE fitting for Teck,
MC and ACWU - its innovative design
provides quality engineering, easier
installation and helps achieve safer,
more reliable terminations in
challenging industrial environments.
The STE offers a broader cable range
per fitting compared to the regular ST
series.
Certifications / Standards:
—
TECHNICAL DATA SHEET
ABB cable glands – STE Star Teck®
extreme series
Industrial applications


Similar Part No. - STE050

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STE0511 STANSON-STE0511 Datasheet
65Kb / 4P
Single-line ESD Protection Array
STE0511D52RG STANSON-STE0511D52RG Datasheet
65Kb / 4P
Single-line ESD Protection Array
STE0512 STANSON-STE0512 Datasheet
83Kb / 5P
Dual-Line ESD Protection Array
STE0512D52RG STANSON-STE0512D52RG Datasheet
83Kb / 5P
Dual-Line ESD Protection Array
STE0514 STANSON-STE0514 Datasheet
87Kb / 6P
Four-Line ESD Protection Array
More results

Similar Description - STE050

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
logo
ABB
ACS355 ABB-ACS355 Datasheet
109Kb / 2P
ABB machinery drives ABB machinery drives
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com