Electronic Components Datasheet Search
  English  ▼

X  

ADV7672 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7672
Description  40 Gbps HDMI 2:2 Crosspoint Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7672 Datasheet(HTML) 1 Page - Analog Devices

  ADV7672 Datasheet HTML 1Page - Analog Devices ADV7672 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40 Gbps HDMI 2:2 Crosspoint Transceiver
Data Sheet
ADV7672
Rev. SPrB
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2-input and 2-output crosspoint HDMI transceiver
8k30 RGB/YCbCr 4:4:4 or 4k120 RGB/YCbCr 4:4:4 10-bit
video support
8k60 YCbCr 4:2:0 10-bit video support
HDMI receivers
Up to 40 Gbps FRL support
Up to 18 Gbps TMDS video support
eARC transmitter
EDID access in low power standby mode
EDID SRAM managed by internal MCU host processor
Fast switching between ports
HDMI transmitters
Up to 40 Gbps FRL support
Up to 18 Gbps TMDS video support
eARC receiver
HDCP
HDCP 1.4, HDCP 2.2, and HDCP 2.3 support
Independent HDCP on each transmitter and receiver port
Fully integrated HDCP 1.4, HDCP 2.2, and HDCP 2.3 repeater
modes
On-chip key storage in OTP
Audio
2 independently configurable audio ports
8-channel, 192 kHz, 24-bit PCM audio support
24.576 Mb IEC61937 compressed audio support
eARC receiver or transmitter with multichannel PCM,
HBR audio, and ARC support
Video
Crosspoint matrix switch, video mirror, video split, and
video merge modes
FRL to TMDS and TMDS to FRL modes conversion
Variable refresh rate (VRR), fast vactive (FVA), and auto low
latency mode (ALLM) support
Dual path color space conversion
Dynamic HDR passthrough support including HDMI dynamic
HDR metadata, HDR10+, and Dolby Vision™
DSC 1.2a passthrough
Video test pattern generator
APPLICATIONS
TV
Home theater
Industrial switching
GENERAL DESCRIPTION
The ADV7672 is a High-Definition Multimedia Interface
(HDMI®) transceiver with crosspoint matrix switch, video
mirror, video split, and video merge capabilities.
The ADV7672 supports 40 Gbps fixed rate link (FRL) and 18 Gbps
transition minimized differential signaling (TMDS) video rates
and provides two independent HDMI receiver ports, two
independent HDMI transmitter ports, two audio ports, and an
enhanced audio return channel (eARC) interface.
Each HDMI receiver and transmitter supports 8k30 RGB/YCbCr
4:4:4 10-bit video, 8k60 YCbCr 4:2:0 10-bit high definition
video, and 4k120 4:4:4 10-bit high frame rate video.
Each audio port can be independently configured as either an
audio extraction or audio insertion port. The audio ports support
8-channel, 192 kHz, 24-bit pulse coded modulation (PCM) and
compressed audio formats including high bitrate formats.
The eARC interface can be configured as either an eARC
transmitter or an eARC receiver. The eARC interface supports
8-channel 192 kHz PCM audio and high bit rate audio (HBR)
compressed audio formats including Dolby TrueHD™ and
DTS-HD™. Audio return channel (ARC) is also supported on
the eARC interface.
The ADV7672 supports display stream compression (DSC)
1.2a data passthrough and high dynamic range (HDR)
metadata passthrough for HDMI dynamic HDR, HDR10+, and
Dolby Vision™.
The ADV7672 implements the High-bandwidth Digital
Content Protection (HDCP) 2.3 specification to protect the
delivery of premium content. HDCP 2.3 is applied in
transmitter, receiver, and repeater configurations. HDCP 2.3 is
backwards compatible with HDCP 2.2. HDCP 1.4 is also
supported to provide interoperability with legacy devices.
The ADV7672 is configured via I2C using a high level host
controller interface (API).
The ADV7672 is provided in a 108-lead, lead frame chip scale
package (LFCSP) with an exposed paddle and is specified over a
0°C to 70°C temperature range.
Customers that wish to sample or purchase the ADV7672 must
be licensed HDMI 2.1 adopters listed at HDMI.org and licensed
HDCP 2.x adopters listed at Digital-CP.com.
For more information about the ADV7672, contact your local Analog Devices, Inc., sales office at www.analog.com/sales.


Similar Part No. - ADV7672

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7674 AD-ADV7674 Datasheet
97Kb / 2P
48 Gbps HDMI 4:1 Transceiver
Rev. Sp0
More results

Similar Description - ADV7672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
logo
Analog Devices
ADV7625 AD-ADV7625 Datasheet
412Kb / 24P
3 GHz HDMI 5:2 Crosspoint Transceiver
12/13-Revision 0
ADV7626 AD-ADV7626 Datasheet
386Kb / 24P
3 GHz HDMI 2:2 Crosspoint Transceiver
12/13-Revision 0
logo
Texas Instruments
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com