Electronic Components Datasheet Search
  English  ▼

X  

LT3518 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3518
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3518 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3518 Datasheet HTML 9Page - Analog Devices LT3518 Datasheet HTML 10Page - Analog Devices LT3518 Datasheet HTML 11Page - Analog Devices LT3518 Datasheet HTML 12Page - Analog Devices LT3518 Datasheet HTML 13Page - Analog Devices LT3518 Datasheet HTML 14Page - Analog Devices LT3518 Datasheet HTML 15Page - Analog Devices LT3518 Datasheet HTML 16Page - Analog Devices LT3518 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT3950
13
Rev. 0
For more information www.analog.com
VOUT = 1+
RFB1
RFB2
⎛
⎝⎜
⎞
⎠⎟
• 1.2V
Figure 2.
LT3950
3950 F02
COUT
VOUT
RFB1
RFB2
FB
Voltage Feedback Network
It is important that the divider be Kelvin connected to the
output capacitor. The resistors RFB1 and RFB2 should be
chosen such that their total value is between 1k and 1M.
For high dynamic range (>10,000:1) PWM dimming, a
total resistance of up to 10M may be appropriate. If the
part is regulating output voltage and the current drops
below 10% of full-scale, an open LED event will be sig-
naled at the FAULT pin.
In some configurations, such as buck mode, where the
load voltage is not directly referred to ground, a level
shifter may be needed to use constant voltage mode
control. An example circuit to accomplish output voltage
control for buck mode and buck-boost mode topologies
is shown below.
VOUT = 2 • VBE + 1.2
RFB1
RFB2
⎛
⎝
⎜
⎞
⎠
⎟
Figure 3.
LT3950
3950 F03
COUT
RFB2
FB
RFB1
10k
10k
LOAD
Voltage Feedback Network with Level Shifter
FB Overvoltage Lockout
As part of the safety feature offered by output voltage
regulation, if the voltage at the FB pin reaches or exceeds
1.3V (typ.), switching stops, PWMTG pulls high to turn
APPLICATIONS INFORMATION
off the disconnect PMOS, and the device reports a fault
at the FAULT pin.
Setting Switching and PWM Dimming Generator
Frequency
To program the switching frequency of LT3950, simply
connect a single resistor to ground from the RT pin. The
table below includes several common RT resistor values
and corresponding switching frequency. It is important to
connect nothing to the RT pin except this resistor.
Table 1. Selected RT Values and Switching Frequency
RT Value (kΩ)
Switching Frequency (MHz)
402
0.3
301
0.4
237
0.5
191
0.6
162
0.7
140
0.8
121
0.9
107
1
97.6
1.1
80.6
1.2
76.8
1.3
73.2
1.4
66.5
1.5
61.9
1.6
57.6
1.7
52.3
1.8
48.7
1.9
45.3
2
During start-up, the switching frequency is reduced to
allow sufficient switch OFF time, especially for 2MHz
operation, so that inductor current can ramp below cur-
rent limit when there is minimal voltage across the induc-
tor during the OFF time. This condition is encountered
at start-up or after faults, when the output is still low.
During start-up, or when restarting after faults, switching
frequency will drop to around 40% of its nominal value,
and step up every 16 cycles. For more information about
this, see the section concerning soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com