Electronic Components Datasheet Search
  English  ▼

X  

LT3965 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3965
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3965 Datasheet(HTML) 2 Page - Analog Devices

  LT3965 Datasheet HTML 1Page - Analog Devices LT3965 Datasheet HTML 2Page - Analog Devices LT3965 Datasheet HTML 3Page - Analog Devices LT3965 Datasheet HTML 4Page - Analog Devices LT3965 Datasheet HTML 5Page - Analog Devices LT3965 Datasheet HTML 6Page - Analog Devices LT3965 Datasheet HTML 7Page - Analog Devices LT3965 Datasheet HTML 8Page - Analog Devices LT3965 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT3960
2
Rev. A
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................................60V
VCC, EN/MODE.........................................................5.5V
SDA, SCL .........................................–0.3V to VCC + 0.3V
CANSDAH, CANSDAL, CANSCLH,
CANSCLL................................................ –40V to 40V
Operating Junction Temperature Range
LT3960E ............................................ –40°C to 125°C
LT3960J............................................. –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Notes 1, 2, 3)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3960EMSE#PBF
LT3960EMSE#TRPBF
LTHJP
10-Lead Plastic MSOP
–40°C to 125°C
LT3960JMSE#PBF
LT3960JMSE#TRPBF
LTHJP
10-Lead Plastic MSOP
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT3960EMSE#WPBF
LT3960EMSE#WTRPBF
LTHJP
10-Lead Plastic MSOP
–40°C to 125°C
LT3960JMSE#WPBF
LT3960JMSE#WTRPBF
LTHJP
10-Lead Plastic MSOP
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
PIN CONFIGURATION
1
2
3
4
5
CANSDAL
CANSDAH
GND
CANSCLH
CANSCLL
10
9
8
7
6
SDA
SCL
VCC
EN/MODE
VIN
11
GND
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com