Electronic Components Datasheet Search
  English  ▼

X  

LT3952 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3952
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3952 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3952 Datasheet HTML 18Page - Analog Devices LT3952 Datasheet HTML 19Page - Analog Devices LT3952 Datasheet HTML 20Page - Analog Devices LT3952 Datasheet HTML 21Page - Analog Devices LT3952 Datasheet HTML 22Page - Analog Devices LT3952 Datasheet HTML 23Page - Analog Devices LT3952 Datasheet HTML 24Page - Analog Devices LT3952 Datasheet HTML 25Page - Analog Devices LT3952 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LT3950
23
Rev. 0
For more information www.analog.com
100k
267k
100k
LT3950
INTVCC
3950 TA04
10µF
2.2µF
2.2µF
D1
59k
1M
FB
PWMTG
CTRL
PWM
INTVCC
SYNC/SPRD
RP
VC
ISP
ISN
SW
2MHz
45.3k
47k
FAULT
VIN
EN/UVLO
VIN
3V TO
36V
GND
RT
FAULT
L1
6.8µH
1:1
1µF
330pF
INTVCC
333mA
•
1
3
2
4
LED
ARRAY
M1
750m
L1: WURTH 744 870 00
M1: VISHAY SI230
D1: DIODES INC DFLS160Q
5W SEPIC LED Driver with Internal 10% PWM Dimming
Efficiency
VIN (V)
4
7 10 13 16 19 22 25 28 31 34
50
54
58
62
66
70
74
78
82
86
90
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
3950 TA04b
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com