Electronic Components Datasheet Search
  English  ▼

X  

EM271 Datasheet(PDF) 13 Page - Carlo Gavazzi Holding AG

Part # EM271
Description  Multi-channel power analyzer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM271 Datasheet(HTML) 13 Page - Carlo Gavazzi Holding AG

Back Button EM271 Datasheet HTML 9Page - Carlo Gavazzi Holding AG EM271 Datasheet HTML 10Page - Carlo Gavazzi Holding AG EM271 Datasheet HTML 11Page - Carlo Gavazzi Holding AG EM271 Datasheet HTML 12Page - Carlo Gavazzi Holding AG EM271 Datasheet HTML 13Page - Carlo Gavazzi Holding AG EM271 Datasheet HTML 14Page - Carlo Gavazzi Holding AG EM271 Datasheet HTML 15Page - Carlo Gavazzi Holding AG EM271 Datasheet HTML 16Page - Carlo Gavazzi Holding AG EM271 Datasheet HTML 17Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Carlo Gavazzi Controls S.p.A.
TCD_M family
EM271 DS ENG
31/01/2018
TCD0M, TCD1M, TCD2M, TCD3M for EM271
Description
3-channel split core current transformer block for
power analyzer EM271.
It manages primary current from 60 A to 400 A
(depends on the model) and the value is read
automatically by the EM271 to eliminate the need
for configuration and calibration by the user.
It is equipped with RJ-11 connectors for simple
connection to the EM271.
Main features
• 3 split core current sensors
• Primary current from 60 A to 400 A (depends on the
model)
• Hole diameter from 9.6 mm to 20.5 mm (depends on the
model)
• Connection to the EM271 with cable with RJ-11 connector
• DIN rail mounting
• Primary current self-detection
Main functions
• Conversion of current for input to the power analyzer
EM271.
Structure
B
C
C
C
A
Area
Description
A
Integrator
B
Cable with RJ-11 connectors for connection to the EM271
C
Split core current sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com