Electronic Components Datasheet Search
  English  ▼

X  

AD8429 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8429
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8429 Datasheet HTML 9Page - Analog Devices AD8429 Datasheet HTML 10Page - Analog Devices AD8429 Datasheet HTML 11Page - Analog Devices AD8429 Datasheet HTML 12Page - Analog Devices AD8429 Datasheet HTML 13Page - Analog Devices AD8429 Datasheet HTML 14Page - Analog Devices AD8429 Datasheet HTML 15Page - Analog Devices AD8429 Datasheet HTML 16Page - Analog Devices AD8429 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT6372-1
13
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
–RG,F (Pin 1/Pin 19): For use with an external gain setting
resistor. This connection should be routed to the gain set-
ting resistor separately from –RG,S in order to minimize
gain errors.
–RG,S (Pin 2/Pin 20): For use with an external gain set-
ting resistor. This connection should be routed to the gain
setting resistor separately from –RG,F in order to minimize
gain errors.
–IN (Pin 4/Pin 2): Negative Input Terminal. This input is
high impedance.
+IN (Pin 5/Pin 5): Positive Input Terminal. This input is
high impedance.
CLLO (Pin 7/Pin 8): Low Side Clamp Input. The voltage
applied to the CLLO pin defines the lower voltage limit
of the output. Typically, the output clamps 500mV below
the voltage applied to the CLLO pin. Do not float CCLO.
V– (Pin 8/Pin 7): Negative Power Supply. A bypass capac-
itor should be used between supply pins and ground.
CLHI (Pin 9/Pin 10): High Side Clamp Input. The voltage
applied to the CLHI pin defines the upper voltage limit of
the output. Typically, the output clamps 500mV above the
voltage applied to the CLHI pin. Do not float CLHI.
REF1 (Pin 10/Pin 12): Reference for the output voltage.
REF1 can be tied to REF2 and used as a reference for the
output. REF1 can also be used with REF2 to form a voltage
divider and level shift the output.
OUTPUT (Pin 11/Pin 13): Output voltage referenced to
the REF pins.
V+ (Pin 12/Pin 14): Positive Power Supply. A bypass
capacitor should be used between supply pins and ground.
REF2 (Pin 13/Pin 15): Reference for the output voltage.
REF2 can be tied to REF1 and used as a reference for the
output. REF2 can also be used with REF1 to form a voltage
divider and level shift the output.
+RG,S (Pin 15/Pin 17): For use with an external gain set-
ting resistor. This connection should be routed to the gain
setting resistor separately from +RG,F in order to minimize
gain errors.
+RG,F (Pin 16/Pin 18): For use with an external gain set-
ting resistor. This connection should be routed to the gain
setting resistor separately from +RG,S in order to minimize
gain errors.
NIC (Pins 3, 6, 14/Pins 1, 3, 4, 6, 11, 16): No Internal
Connection.
DNC (QFN Pin 9): Do Not Connect. This pin should float.
(MS16E/QFN20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com