Electronic Components Datasheet Search
  English  ▼

X  

EM110 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # EM110
Description  Energy Management Energy Meter Type EM110
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM110 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  EM110 Datasheet HTML 1Page - Carlo Gavazzi Holding AG EM110 Datasheet HTML 2Page - Carlo Gavazzi Holding AG EM110 Datasheet HTML 3Page - Carlo Gavazzi Holding AG EM110 Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM110 Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM110 Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specification are subject to change without notice EM110 DS 021220
2
How to order EM110-DIN AV8 1 X O1 X
Model
Range code
System
Power supply
Output
Option
Not certified according to MID Directive. Cannot be used
for fiscal (legal) metrology.
STANDARD
Type Selection
Range code
AV8: 230VLN AC - 5(45)A
(Direct connection up
to 32 A)
AV7: 120VLN AC - 5(45)
A (Direct connection
up to 32 A). Available
on request (MOQ 100
pcs)
Power supply
X:
Self power supply
-30% +20% of the
rated measuring input
voltage, 45 to 65Hz
Output
O1:
pulse output
System
1:
1-phase 2-wire
Option
X:
none



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com