Electronic Components Datasheet Search
  English  ▼

X  

AD620 Datasheet(PDF) 1 Page - Analog Devices

Part # AD620
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 1 Page - Analog Devices

  AD620 Datasheet HTML 1Page - Analog Devices AD620 Datasheet HTML 2Page - Analog Devices AD620 Datasheet HTML 3Page - Analog Devices AD620 Datasheet HTML 4Page - Analog Devices AD620 Datasheet HTML 5Page - Analog Devices AD620 Datasheet HTML 6Page - Analog Devices AD620 Datasheet HTML 7Page - Analog Devices AD620 Datasheet HTML 8Page - Analog Devices AD620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT6372-1
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Precision Instrumentation Amplifier with
Level Shift and Output Clamping
The LT®6372-1 is a gain programmable, high precision
instrumentation amplifier that delivers industry leading
DC precision. This high precision enables smaller sig-
nals to be sensed and eases calibration requirements,
particularly over temperature. The LT6372-1 incorporates
features into the LT6370 which further improve accuracy
and simplify interfacing to an ADC.
The LT6372-1 uses a proprietary high performance bipo-
lar process which enables industry leading accuracy cou-
pled with exceptional long-term stability. The LT6372-1
is laser trimmed for very low input offset voltage (60µV)
and high CMRR (86dB, G = 1). Proprietary on-chip test
capability allows the gain drift (35ppm/°C) to be guaran-
teed with automated testing.
The LT6372-1’s difference amplifier uses a split reference
configuration which simplifies level shifting the amplifier’s
output to the center of the ADC’s input range. Output
clamp pins are also provided to limit the voltage which can
be applied to an ADC’s input. EMI filtering is integrated on
the LT6372-1’s inputs to maintain accuracy in the pres-
ence of harsh RF interference.
The LT6372-1 is available in a compact MS16E or a 20-pin
3mm x 4mm QFN. The LT6372-1 is fully specified over the
–40°C to 85°C and –40°C to 125°C temperature ranges.
n
Single Gain Set Resistor: G = 1 to >1000
n
Excellent DC Precision
n
Input Offset Voltage: 60μV Max
n
Input Offset Voltage Drift: 0.6μV/°C Max
n
Low Gain Error: 0.01% Max (G = 1)
n
Low Gain Drift: 35ppm/°C Max (G > 1)
n
High DC CMRR: 86dB Min (G = 1)
n
Integrated Output Clamps
n
Integrated Output Level Shift
n
Input Bias Current: 800pA Max
n
3.1MHz –3dB Bandwidth (G = 1)
n
Low Noise:
n
0.1Hz to 10Hz Noise: 0.2μVP-P
n
1kHz Voltage Noise: 7nV/√Hz
n
Integrated Input RFI Filter
n
Wide Supply Range 4.75V to 35V
n
Temperature Ranges: –40°C to 85°C and –40°C to 125°C
n
MS16E and 20-Lead 3mm × 4mm QFN Packages
All registered trademarks and trademarks are the property of their respective owners.
350
350
350
350
10V
+15V
GAIN OF 100 BRIDGE AMPLIFIER
6372-1 TA01a
RG
243
10nF
COG
REF1
+
–
LT6372-1
LTC6655-5
LTC2367-16
REF
REF2
CLLO
CLHI
VDD
2.5V
91
GND
–15V
VIN
VIN
VOUT
VREF
LT6372–1 Driving LTC2367–16 with
Level Shift and Output Clamping
APPLICATIONS
n
Bridge Amplifier
n
Data Acquisition
n
Thermocouple Amplifier
n
Strain Gauge Amplifier
n
Medical Instrumentation
n
Transducer Interfaces
n
Differential to Single-Ended Conversion
Level Shifted
to VREF/2
Output
Clamped
Negative
Output
Clamped
Positive
G = 100
VIN (mV)
–100 –75 –50 –25
0
25
50
75 100
–1
0
1
2
3
4
5
6
0
13107
26214
39322
52428
65536
with Level–Shift and Output Clamping
LT6372–1 Driving LTC2369–18
63721 TA01b


Similar Part No. - AD620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
Low Cost, Low Power Instrumentation Amplifier
AD620 AD-AD620 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD620 AD-AD620 Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
12/04-Rev. F to Rev. G
AD620 AD-AD620 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD620 AD-AD620 Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
Rev. G
More results

Similar Description - AD620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com